Electronic Components Datasheet Search
  English  ▼

X  

KP467 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # KP467
Description  XENSIV™ ISO26262-compliant digital absolute pressure sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KP467 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button KP467 Datasheet HTML 10Page - Infineon Technologies AG KP467 Datasheet HTML 11Page - Infineon Technologies AG KP467 Datasheet HTML 12Page - Infineon Technologies AG KP467 Datasheet HTML 13Page - Infineon Technologies AG KP467 Datasheet HTML 14Page - Infineon Technologies AG KP467 Datasheet HTML 15Page - Infineon Technologies AG KP467 Datasheet HTML 16Page - Infineon Technologies AG KP467 Datasheet HTML 17Page - Infineon Technologies AG KP467 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
4.2
Functional description
4.2.1
Transfer function pressure
The KP46x pressure calibration is adjusted with the parameters Sp and offsp. The formula in order to calculate the
ambient pressure based on these parameters and the sensor output is shown below:
pamb= outp−offsp
Sp
(1)
The KP46x device is fully calibrated on delivery. The sensor has a linear transfer function between the applied
pressure and the digital output signal. The device provides an absolute pressure value by triggering the Acquire
Pressure Command 8 bits or Acquire Pressure Command 16 bits. 
0
Pressure [kPa]
LSBOUT,1
LSBOUT,2
pIN,1
Operating Pressure Range
Maximum Input Pressure Range
Zoom
pIN,2
pamb_max
(max)
pamb_max
(min)
Figure 3
Pressure transfer function
Table 10
Pressure transfer function characteristics (10-bit)
Pressure
Output Code
Symbol
Values (Typ.)
Unit
Symbol
Values (Typ.) Unit
pIN,1
45
kPa
LSBOUT,1
0
LSB
pIN,2
200
kPa
LSBOUT,2
1023
LSB
Table 11
Gain and offset pressure transfer function (10-bit)
Gain and Offset
Symbol
Values (Typ.)
Unit
Sp
6.60
LSB/kPa
offsp
-297
LSB
KP467
Datasheet
4 Product features
Datasheet
14
Rev. 1.00
2023-11-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com