Electronic Components Datasheet Search
  English  ▼

X  

KP467 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # KP467
Description  XENSIV™ ISO26262-compliant digital absolute pressure sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KP467 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button KP467 Datasheet HTML 6Page - Infineon Technologies AG KP467 Datasheet HTML 7Page - Infineon Technologies AG KP467 Datasheet HTML 8Page - Infineon Technologies AG KP467 Datasheet HTML 9Page - Infineon Technologies AG KP467 Datasheet HTML 10Page - Infineon Technologies AG KP467 Datasheet HTML 11Page - Infineon Technologies AG KP467 Datasheet HTML 12Page - Infineon Technologies AG KP467 Datasheet HTML 13Page - Infineon Technologies AG KP467 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Table 5
(continued) Low power monitoring characteristics
Parameter
Symbol
Values
Unit
Note or condition
Min.
Typ.
Max.
Wake-up pin low
state voltage level
Vlow_wake
–
–
0.4
V
Sink current at pin WUOUT less
than 2.0mA
Delta pressure
threshold accuracy
acc
Δ
p_threshold1/2
-4
–
4
%
 
Time entering LPM
mode
tenter_LPM
–
–
1
ms
from the end of the SPI frame.
4.1.3
Transfer function pressure characteristics
Table 6
Transfer function pressure characteristics
Parameter
Symbol
Values
Unit
Note or condition
Min.
Typ.
Max.
Ambient operating
pressure range
pamb
45
–
200
kPa
 
Accuracy pressure
initial
accp_initial
-1.5
–
1.5
kPa
Ta = -40°C to 105°C; at 0 hours
24h after reflow soldering in standard
conditions (25°C, 100kPa)
Accuracy pressure
accp
-3.0
–
3.0
kPa
Ta = -40°C to 105°C; Over lifetime
24h after reflow soldering in standard
conditions (25°C, 100kPa)
Note:
Drift after reflow soldering or when device is exposed to extreme temperature conditions for a maximum
duration of 24h after reflow soldering in standard conditions (25°C, 100kPa).
Attention: The device is sensitive to light incident to the pressure port. All specifications are valid for an
illuminance of less than 1 lx.
4.1.4
Transfer function temperature characteristics
Table 7
Transfer function temperature characteristics
Parameter
Symbol
Values
Unit
Note or condition
Min.
Typ.
Max.
Accuracy
temperature low
accT_low
-5.0
–
5.0
°C
Ta = -40°C to 25°C; After device self-
heating within accT_low
Accuracy
temperature center
accT_cen
-3.0
–
3.0
°C
Ta = 25°C to 85°C; After device self-
heating within accT_cen
Accuracy
temperature high
accT_high
-3.25
–
3.25
°C
Ta = 85°C to Ta_max; After device self-
heating within accT_high
KP467
Datasheet
4 Product features
Datasheet
10
Rev. 1.00
2023-11-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com