Electronic Components Datasheet Search
  English  ▼

X  

TPS792 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS792
Description  TPS792 Ultra-Low Noise, High-PSRR, Fast RF, 100mA, Low-Dropout Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS792 Datasheet(HTML) 2 Page - Texas Instruments

  TPS792 Datasheet HTML 1Page - Texas Instruments TPS792 Datasheet HTML 2Page - Texas Instruments TPS792 Datasheet HTML 3Page - Texas Instruments TPS792 Datasheet HTML 4Page - Texas Instruments TPS792 Datasheet HTML 5Page - Texas Instruments TPS792 Datasheet HTML 6Page - Texas Instruments TPS792 Datasheet HTML 7Page - Texas Instruments TPS792 Datasheet HTML 8Page - Texas Instruments TPS792 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................2
5 Specifications.................................................................. 3
5.1 Absolute Maximum Ratings........................................ 3
5.2 ESD Ratings............................................................... 3
5.3 Recommended Operating Conditions.........................3
5.4 Thermal Information....................................................4
5.5 Electrical Characteristics.............................................4
5.6 Typical Characteristics................................................ 7
6 Detailed Description......................................................13
6.1 Overview................................................................... 13
6.2 Functional Block Diagrams....................................... 13
6.3 Feature Description...................................................14
6.4 Device Functional Modes..........................................18
7 Application and Implementation.................................. 19
7.1 Application Information............................................. 19
7.2 Typical Application.................................................... 22
7.3 Power Supply Recommendations.............................24
7.4 Layout....................................................................... 24
8 Device and Documentation Support............................26
8.1 Device Support......................................................... 26
8.2 Documentation Support............................................ 26
8.3 Receiving Notification of Documentation Updates....26
8.4 Support Resources................................................... 26
8.5 Trademarks...............................................................26
8.6 Electrostatic Discharge Caution................................27
8.7 Glossary....................................................................27
9 Revision History............................................................ 27
10 Mechanical, Packaging, and Orderable
Information.................................................................... 27
4 Pin Configuration and Functions
IN
GND
EN
OUT
NC/NR
1
2
3
5
4
Figure 4-1. DBV Package, 5-Pin SOT-23 Fixed
Voltage Version (Top View)
IN
GND
EN
OUT
NC/NR
1
2
3
6
4
5
FB
Figure 4-2. DBV Package, 6-Pin SOT-23 Adjustable
Voltage Version (Top View)
Table 4-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
DBV
YZQ
EN
3
A3
I
Enable pin. Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts
the regulator into shutdown mode. EN can be connected to IN if not used.
FB
5
—
I
Feedback pin. This terminal is the feedback input pin for the adjustable device. Fixed voltage
versions in the DBV package do not have this pin.
GND
2
A1
—
Regulator ground.
IN
1
C3
I
Input to the device.
NR/NC
4
B2
—
Noise Reduction pin (legacy chip only). Connecting an external capacitor to this pin filters
noise generated by the internal bandgap. This configuration improves power-supply rejection
and reduces output noise for the legacy chip and YZQ package only.
No Connect pin (new chip only). This pin is not internally connected. Connect to GND for
improved thermal performance or leave floating. For lower noise performance on a fixed
device, consider looking at the TPS7A20.
OUT
6
C1
O
Output of the regulator.
TPS792
SLVS337E – MARCH 2001 – REVISED JANUARY 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS792



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com