Electronic Components Datasheet Search
  English  ▼

X  

TPS792 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS792
Description  TPS792 Ultra-Low Noise, High-PSRR, Fast RF, 100mA, Low-Dropout Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS792 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS792 Datasheet HTML 17Page - Texas Instruments TPS792 Datasheet HTML 18Page - Texas Instruments TPS792 Datasheet HTML 19Page - Texas Instruments TPS792 Datasheet HTML 20Page - Texas Instruments TPS792 Datasheet HTML 21Page - Texas Instruments TPS792 Datasheet HTML 22Page - Texas Instruments TPS792 Datasheet HTML 23Page - Texas Instruments TPS792 Datasheet HTML 24Page - Texas Instruments TPS792 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
7.1.2 Exiting Dropout
Some applications have transients that place the LDO into dropout, such as slower ramps on VIN during start-up.
As with other LDOs, the output can overshoot on recovery from these conditions. A ramping input supply causes
an LDO to overshoot on start-up, as shown in Figure 7-2, when the slew rate and voltage levels are in the
correct range. Use an enable signal to avoid this condition.
Input Voltage
Output Voltage
Output Voltage in
normal regulation.
Dropout
VOUT = VIN - VDO
VIN = VOUT(nom) + VDO
Response time for
LDO to get back into
regulation.
Load current discharges
output voltage.
Time
Figure 7-2. Start-Up Into Dropout
Line transients out of dropout can also cause overshoot on the output of the regulator. These overshoots are
caused by the error amplifier having to drive the gate capacitance of the pass element and bring the gate back to
the correct voltage for proper regulation. Figure 7-3 illustrates what is happening internally with the gate voltage
and how overshoot can be caused during operation. When the LDO is placed in dropout, the gate voltage (VGS)
is pulled all the way down to ground to give the pass device the lowest on-resistance as possible. However, if
a line transient occurs when the device is in dropout, the loop is not in regulation and can cause the output to
overshoot until the loop responds and the output current pulls the output voltage back down into regulation. If
these transients are not acceptable, then continue to add input capacitance in the system until the transient is
slow enough to reduce the overshoot.
www.ti.com
TPS792
SLVS337E – MARCH 2001 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS792



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com