Electronic Components Datasheet Search
  English  ▼

X  

TPS792 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS792
Description  TPS792 Ultra-Low Noise, High-PSRR, Fast RF, 100mA, Low-Dropout Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS792 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS792 Datasheet HTML 9Page - Texas Instruments TPS792 Datasheet HTML 10Page - Texas Instruments TPS792 Datasheet HTML 11Page - Texas Instruments TPS792 Datasheet HTML 12Page - Texas Instruments TPS792 Datasheet HTML 13Page - Texas Instruments TPS792 Datasheet HTML 14Page - Texas Instruments TPS792 Datasheet HTML 15Page - Texas Instruments TPS792 Datasheet HTML 16Page - Texas Instruments TPS792 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
6 Detailed Description
6.1 Overview
The TPS792xx family of LDO regulators has been optimized for use in noise-sensitive battery-operated
equipment. The device features extremely low dropout voltages, high PSRR, ultra-low output noise, low
quiescent current, and enable-input to reduce supply currents to less than 1μA when the regulator is turned
off..
6.2 Functional Block Diagrams
_
+
Thermal
Shutdown
Bandgap
Reference
VIN
Current
Sense
R2
VIN
GND
EN
VOUT
SHUTDOWN
Vref
UVLO
ILIM
External to
the Device
R1
UVLO
250 kW
Bypass
FB
Figure 6-1. Functional Block Diagram – Adjustable Version (Legacy Chip)
Bandgap
Thermal
Shutdown
UVLO
Internal
Controller
Current
Limit
120
IN
EN
GND
OUT
FB
Figure 6-2. Functional Block Diagram – Adjustable Version (New Chip)
www.ti.com
TPS792
SLVS337E – MARCH 2001 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS792



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com