Electronic Components Datasheet Search
  English  ▼

X  

TPS792 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS792
Description  TPS792 Ultra-Low Noise, High-PSRR, Fast RF, 100mA, Low-Dropout Linear Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS792 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS792 Datasheet HTML 8Page - Texas Instruments TPS792 Datasheet HTML 9Page - Texas Instruments TPS792 Datasheet HTML 10Page - Texas Instruments TPS792 Datasheet HTML 11Page - Texas Instruments TPS792 Datasheet HTML 12Page - Texas Instruments TPS792 Datasheet HTML 13Page - Texas Instruments TPS792 Datasheet HTML 14Page - Texas Instruments TPS792 Datasheet HTML 15Page - Texas Instruments TPS792 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
5.6 Typical Characteristics (continued)
Time (
s)
0
80
160
240
320
400
480
560
0
-80
20
-70
40
-60
60
-50
80
-40
100
-30
120
-20
140
-10
160
0
180
10
200
20
220
30
240
40
260
50
IOUT
VOUT
New chip
Figure 5-31. TPS792 Load Transient Response
0.01
0.1
1
10
100
0
0.02
0.04
0.06
0.08
0.1
IO – Output Current – A
TPS79228
TYPICAL REGIONS OF STABILITY
EQUIVALENT SERIES RESISTANCE (ESR)
vs
OUTPUT CURRENT
Region of Instability
Co = 0.47 µF
VI = 5.5 V
TJ = –40 °C to 125°C
Region of
Instability
Legacy chip
Figure 5-32. Typical Regions of Stability Equivalent Series
Resistance (ESR) vs Output Current
0.01
0.1
10
100
0
0.02
0.04
0.06
0.08
0.1
IO – Output Current – A
TPS79228
TYPICAL REGIONS OF STABILITY
EQUIVALENT SERIES RESISTANCE (ESR)
vs
OUTPUT CURRENT
1
Region of Instability
Region of Stability
Co = 1 µF
VI = 5.5 V
TJ = –40 °C to 125°C
Legacy chip
Figure 5-33. Typical Regions of Stability Equivalent Series
Resistance (ESR) vs Output Current
0.01
0.1
10
100
0
0.02
0.04
0.06
0.08
0.1
IO – Output Current – A
TPS79228
TYPICAL REGIONS OF STABILITY
EQUIVALENT SERIES RESISTANCE (ESR)
vs
OUTPUT CURRENT
1
Region of Instability
Region of Stability
Co = 10 µF
VI = 5.5 V
TJ = –40 °C to 125°C
Legacy chip
Figure 5-34. Typical Regions of Stability Equivalent Series
Resistance (ESR) vs Output Current
TPS792
SLVS337E – MARCH 2001 – REVISED JANUARY 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS792



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com