Electronic Components Datasheet Search
  English  ▼

X  

TPS53513 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS53513
Description  TPS53513 1.5-V to 18-V (4.5-V to 25-V Bias) Input, 8-A Single Synchronous Step-Down SWIFT™ Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS53513 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS53513 Datasheet HTML 12Page - Texas Instruments TPS53513 Datasheet HTML 13Page - Texas Instruments TPS53513 Datasheet HTML 14Page - Texas Instruments TPS53513 Datasheet HTML 15Page - Texas Instruments TPS53513 Datasheet HTML 16Page - Texas Instruments TPS53513 Datasheet HTML 17Page - Texas Instruments TPS53513 Datasheet HTML 18Page - Texas Instruments TPS53513 Datasheet HTML 19Page - Texas Instruments TPS53513 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
VREG
VDD
2.8 V
EN
0.6 V
VREF/VDAC
VOUT
~ 400 µs
tSS (1 ms)
16
TPS53513
SLUSBP9C – SEPTEMBER 2013 – REVISED JUNE 2018
www.ti.com
Product Folder Links: TPS53513
Submit Documentation Feedback
Copyright © 2013–2018, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 5-V LDO and VREG Start-Up
The TPS53513 device has an internal 5-V LDO feature using input from VDD and output to VREG. When the
VDD voltage rises above 2.8 V, the internal LDO is enabled and outputs voltage to the VREG pin. The VREG
voltage provides the bias voltage for the internal analog circuitry. The VREG voltage also provides the supply
voltage for the gate drives.
Figure 33. Power-up Sequence Waveforms
7.3.2 Enable, Soft Start, and Mode Selection
The internal LDO regulator starts immediately and regulates to 5 V at the VREG pin.
When the EN pin voltage rises above the enable threshold voltage (typically 1.4 V), the controller enters its start-
up sequence. The controller then uses the first 400 μs to calibrate the switching frequency setting resistance
attached to the RF pin and stores the switching frequency code in internal registers. During this period, the
MODE pin also senses the resistance attached to this pin to determine the operation mode. In the second phase,
an internal DAC starts ramping up the reference voltage from 0 V to 0.6 V. the ramping up time is 1 ms. The
device maintains smooth and constant ramp-up of the output voltage during start-up regardless of load current.
7.3.3 Frequency Selection
TPS53513 device lets users select the switching frequency by using the RF pin. Table 1 lists the divider ratio and
some example resistor values for the switching frequency selection. The 1% tolerance resistors with a typical
temperature coefficient of ±100 ppm/ºC are recommended. If the design requires a tighter noise margin for more
reliable SW-frequency detection, use higher performance resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com