Electronic Components Datasheet Search
  English  ▼

X  

TPS53513 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS53513
Description  TPS53513 1.5-V to 18-V (4.5-V to 25-V Bias) Input, 8-A Single Synchronous Step-Down SWIFT™ Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS53513 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS53513 Datasheet HTML 2Page - Texas Instruments TPS53513 Datasheet HTML 3Page - Texas Instruments TPS53513 Datasheet HTML 4Page - Texas Instruments TPS53513 Datasheet HTML 5Page - Texas Instruments TPS53513 Datasheet HTML 6Page - Texas Instruments TPS53513 Datasheet HTML 7Page - Texas Instruments TPS53513 Datasheet HTML 8Page - Texas Instruments TPS53513 Datasheet HTML 9Page - Texas Instruments TPS53513 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
TPS53513
SLUSBP9C – SEPTEMBER 2013 – REVISED JUNE 2018
www.ti.com
Product Folder Links: TPS53513
Submit Documentation Feedback
Copyright © 2013–2018, Texas Instruments Incorporated
(1)
Resistor divider ratio (RDR) is described in Equation 1.
(2)
Specified by design. Not production tested.
6.5 Electrical Characteristics
over operating free-air temperature range, VREG = 5 V, EN = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IVDD
VDD bias current
TA = 25°C, No load
Power conversion enabled (no switching)
1350
1850
µA
IVDDSTBY
VDD standby current
TA = 25°C, No load
Power conversion disabled
850
1150
µA
IVIN(leak)
VIN leakage current
VEN = 0 V
0.5
µA
VREF OUTPUT
VVREF
Reference voltage
FB w/r/t GND, TA = 25°C
597
600
603
mV
VVREFTOL
Reference voltage tolerance
FB w/r/t GND, TJ = 0°C to 85°C
–0.6%
0.5%
FB w/r/t GND, TJ = –40°C to 85°C
–0.7%
0.5%
OUTPUT VOLTAGE
IFB
FB input current
VFB = 600 mV
50
100
nA
IVODIS
VO discharge current
VVO = 0.5 V, Power Conversion Disabled
10
12
15
mA
SMPS FREQUENCY
fSW
VO switching frequency(1)
VIN = 12 V, VVO = 3.3 V, RDR < 0.041
250
kHz
VIN = 12 V, VVO = 3.3 V, RDR = 0.096
300
VIN = 12 V, VVO = 3.3 V, RDR = 0.16
400
VIN = 12 V, VVO = 3.3 V, RDR = 0.229
500
VIN = 12 V, VVO = 3.3 V, RDR = 0.297
600
VIN = 12 V, VVO = 3.3 V, RDR = 0.375
750
VIN = 12 V, VVO = 3.3 V, RDR = 0.461
850
VIN = 12 V, VVO = 3.3 V, RDR > 0.557
1000
tON(min)
Minimum on-time
TA = 25°C
(2)
60
ns
tOFF(min)
Minimum off-time
TA = 25°C
175
240
310
ns
INTERNAL BOOTSTRAP SW
VF
Forward Voltage
VVREG–VBST, TA = 25°C, IF = 10 mA
0.15
0.25
V
IVBST
VBST leakage current
TA = 25°C, VVBST = 33 V, VSW = 28 V
0.01
1.5
µA
LOGIC THRESHOLD
VENH
EN enable threshold voltage
1.3
1.4
1.5
V
VENL
EN disable threshold voltage
1.1
1.2
1.3
V
VENHYST
EN hysteresis voltage
0.22
V
VENLEAK
EN input leakage current
–1
0
1
µA
SOFT START
tSS
Soft-start time
1
ms
PGOOD COMPARATOR
VPGTH
VDDQ PGOOD threshold
PGOOD in from higher
104%
108%
111%
PGOOD in from lower
89%
92%
96%
PGOOD out to higher
113%
116%
120%
PGOOD out to lower
80%
84%
87%
IPG
PGOOD sink current
VPGOOD = 0.5 V
4
6
mA
tPGDLY
PGOOD delay time
Delay for PGOOD going in
0.8
1.0
1.2
ms
Delay for PGOOD coming out
2
µs
IPGLK
PGOOD leakage current
VPGOOD = 5 V
–1
0
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com