Electronic Components Datasheet Search
  English  ▼

X  

TPS53513 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS53513
Description  TPS53513 1.5-V to 18-V (4.5-V to 25-V Bias) Input, 8-A Single Synchronous Step-Down SWIFT™ Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS53513 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS53513 Datasheet HTML 9Page - Texas Instruments TPS53513 Datasheet HTML 10Page - Texas Instruments TPS53513 Datasheet HTML 11Page - Texas Instruments TPS53513 Datasheet HTML 12Page - Texas Instruments TPS53513 Datasheet HTML 13Page - Texas Instruments TPS53513 Datasheet HTML 14Page - Texas Instruments TPS53513 Datasheet HTML 15Page - Texas Instruments TPS53513 Datasheet HTML 16Page - Texas Instruments TPS53513 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
VIN = 12 V
VOUT = 1.2 V
fSW = 500 kHz
Mode = FCCM
13
TPS53513
www.ti.com
SLUSBP9C – SEPTEMBER 2013 – REVISED JUNE 2018
Product Folder Links: TPS53513
Submit Documentation Feedback
Copyright © 2013–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 31. Overcurrent Protection
fSW = 500 kHz
VI = 12 V
VO = 5 V
IO = 12 A
COUT= 10 × 22 µF
(1206, 6.3 V, X5R)
SNB = 3 Ω+ 470 pF
RBOOT= 0 Ω
Inductor:
LOUT = 1 µH
2.1 mΩ (typical)
PCMC135T-1R0MF
12.6 mm × 13.8 mm × 5 mm
Figure 32. SP1: 75.6
℃
℃, SP2: 57.7℃
℃ (Inductor)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com