Electronic Components Datasheet Search
  English  ▼

X  

TPS53513 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS53513
Description  TPS53513 1.5-V to 18-V (4.5-V to 25-V Bias) Input, 8-A Single Synchronous Step-Down SWIFT™ Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS53513 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS53513 Datasheet HTML 17Page - Texas Instruments TPS53513 Datasheet HTML 18Page - Texas Instruments TPS53513 Datasheet HTML 19Page - Texas Instruments TPS53513 Datasheet HTML 20Page - Texas Instruments TPS53513 Datasheet HTML 21Page - Texas Instruments TPS53513 Datasheet HTML 22Page - Texas Instruments TPS53513 Datasheet HTML 23Page - Texas Instruments TPS53513 Datasheet HTML 24Page - Texas Instruments TPS53513 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
1.15
1.17
1.19
1.21
1.23
1.25
1
2
3
4
5
6
7
8
9
10
11
12
Output Current (A)
D-CAP3
D-CAP2
C013
V
IN = 12 V
V
DD = 5 V
V
OUT = 1.2 V
f
SW = 500 kHz
T
A = 25°C
L
OUT = 1
H
Mode = FCCM
1.15
1.17
1.19
1.21
1.23
1.25
1
2
3
4
5
6
7
8
9
10
11
12
Output Current (A)
D-CAP3
D-CAP2
C014
V
IN = 12 V
V
DD = 5 V
V
OUT = 1.2 V
f
SW = 500 kHz
T
A = 25°C
L
OUT = 1
H
Mode = Auto-skip
CSP
CSN
CSP
CSN
CSN_NEW
(sample at valley of CSP)
CSP
CSN
CSN_NEW
(sample at valley of CSP)
CSP
CSN
21
TPS53513
www.ti.com
SLUSBP9C – SEPTEMBER 2013 – REVISED JUNE 2018
Product Folder Links: TPS53513
Submit Documentation Feedback
Copyright © 2013–2018, Texas Instruments Incorporated
Figure 37. Continuous Conduction Mode (CCM) With
Sample and Hold Circuitry
Figure 38. Discontinuous Conduction Mode (DCM) With
Sample and Hold Circuitry
Figure 39. Continuous Conduction Mode (CCM) Without
Sample and Hold Circuitry
Figure 40. Discontinuous Conduction Mode (DCM) Without
Sample and Hold Circuitry
Figure 41. Output Voltage vs Output Current
Figure 42. Output Voltage vs Output Current
7.3.4.3 Adaptive Zero-Crossing
The TPS53513 device uses an adaptive zero-crossing circuit to perform optimization of the zero inductor-current
detection during skip-mode operation. This function allows ideal low-side MOSFET turn-off timing. The function
also compensates the inherent offset voltage of the Z-C comparator and delay time of the Z-C detection circuit.
Adaptive zero-crossing prevents SW-node swing-up caused by too-late detection and minimizes diode
conduction period caused by too-early detection. As a result, the device delivers better light-load efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com