Electronic Components Datasheet Search
  English  ▼

X  

TPS61240DRVT Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS61240DRVT
Description  TPS6124x 3.5-MHz High Efficiency Step-Up Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS61240DRVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61240DRVT Datasheet HTML 3Page - Texas Instruments TPS61240DRVT Datasheet HTML 4Page - Texas Instruments TPS61240DRVT Datasheet HTML 5Page - Texas Instruments TPS61240DRVT Datasheet HTML 6Page - Texas Instruments TPS61240DRVT Datasheet HTML 7Page - Texas Instruments TPS61240DRVT Datasheet HTML 8Page - Texas Instruments TPS61240DRVT Datasheet HTML 9Page - Texas Instruments TPS61240DRVT Datasheet HTML 10Page - Texas Instruments TPS61240DRVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
3
3.5
4
4.5
5
5.5
100
150
200
250
300
350
400
450
500
I
-OutputCurrent-mA
O
3V
4V
5V
4.90
4.95
5
5.05
5.10
0.01
0.1
1
10
100
1000
I
-OutputCurrent-mA
O
V =2.3V
I
V =3V
I
V =3.6V
I
V =4.2V
I
2.3
2.8
3.3
3.8
4.3
4.8
5.3
V -InputVoltage-V
I
4.90
4.92
4.94
4.96
4.98
5
5.02
5.04
5.06
5.08
5.10
I =100 A
O
m
I =
O
1mA
I =
O
10mA
I =
O
100mA
I =
O
200mA
TPS61240, TPS61241
www.ti.com
SLVS806D – APRIL 2009 – REVISED DECEMBER 2015
Figure 6. Output Voltage vs Input Voltage
Figure 5. Output Voltage vs Output Current
Figure 7. Frequency vs Output Load
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS61240 TPS61241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com