Electronic Components Datasheet Search
  English  ▼

X  

TPS61240DRVT Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS61240DRVT
Description  TPS6124x 3.5-MHz High Efficiency Step-Up Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS61240DRVT Datasheet(HTML) 1 Page - Texas Instruments

  TPS61240DRVT Datasheet HTML 1Page - Texas Instruments TPS61240DRVT Datasheet HTML 2Page - Texas Instruments TPS61240DRVT Datasheet HTML 3Page - Texas Instruments TPS61240DRVT Datasheet HTML 4Page - Texas Instruments TPS61240DRVT Datasheet HTML 5Page - Texas Instruments TPS61240DRVT Datasheet HTML 6Page - Texas Instruments TPS61240DRVT Datasheet HTML 7Page - Texas Instruments TPS61240DRVT Datasheet HTML 8Page - Texas Instruments TPS61240DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.00001
0.001
0.01
0.1
1
I
-OutputCurrent- A
O
0.0001
V =2.3V
I
V =3V
I
V =3.6V
I
V =4.2V
I
1
H
m
V
IN
C
IN
C
OUT
4.7
F
m
V
OUT
5 V
L
2.2
F
m
L
VIN
EN
VOUT
FB
GND
TPS61240
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS61240, TPS61241
SLVS806D – APRIL 2009 – REVISED DECEMBER 2015
TPS6124x 3.5-MHz High Efficiency Step-Up Converter
1 Features
3 Description
The
TPS6124x
device
is
a
highly
efficient
1
•
Efficiency > 90% at Nominal Operating Conditions
synchronous step-up DC-DC converter optimized for
•
Total DC Output Voltage Accuracy 5.0 V±2%
products powered by either a three-cell alkaline, NiCd
•
Typical 30-
μA Quiescent Current
or NiMH, or one-cell Li-Ion or Li-Polymer battery. The
TPS6124x supports output currents up to 450 mA.
•
Best in Class Line and Load Transient
The TPS61240 has an input valley current limit of 500
•
Wide VIN Range From 2.3 V to 5.5 V
mA, and the TPS61241 has an input valley current of
•
Output Current up to 450 mA
600 mA.
•
Automatic PFM/PWM Mode Transition
With an input voltage range of 2.3 V to 5.5 V, the
•
Low Ripple Power Save Mode for Improved
device supports batteries with extended voltage
Efficiency at Light Loads
range and are ideal to power portable applications
like mobile phones and other portable equipment.
•
Internal Softstart, 250-
μs Typical Start-Up Time
The TPS6124x boost converter is based on a quasi-
•
3.5-MHz Typical Operating Frequency
constant on-time valley current mode control scheme.
•
Load Disconnect During Shutdown
The TPS6124x presents a high impedance at the
•
Current Overload and Thermal Shutdown
VOUT pin when shut down. This allows for use in
Protection
applications that require the regulated output bus to
•
Three Surface-Mount External Components
be driven by another supply while the TPS6124x is
Required (One MLCC Inductor, Two Ceramic
shut down.
Capacitors)
During light loads the device will automatically pulse
•
Total Solution Size <13 mm2
skip allowing maximum efficiency at lowest quiescent
currents.
In
the
shutdown
mode,
the
current
•
Available in a 6-Pin DSBGA and 2-mm × 2-mm
consumption is reduced to less than 1
μA.
WSON Package
TPS6124x allows the use of small inductors and
2 Applications
capacitors to achieve a small solution size. During
shutdown, the load is completely disconnected from
•
USB-OTG Applications
the battery. The TPS6124x is available in a 6-pin
•
Portable HDMI Applications
DSBGA and 2-mm × 2-mm WSON package.
•
Cell Phones, Smart Phones
Device Information(1)
•
PDAs, Pocket PCs
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Portable Media Players
WSON (6)
2.00 mm × 2.00 mm
•
Digital Cameras
TPS61240
DSBGA (6)
1.25 mm × 0.86 mm
TPS61241
DSBGA (6)
1.25 mm × 0.86 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application Schematic
Efficiency vs Output Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS61240DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61240DRVT TI-TPS61240DRVT Datasheet
934Kb / 25P
3.5-MHz High Efficiency Step-Up Converter
More results

Similar Description - TPS61240DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61240 TI-TPS61240 Datasheet
934Kb / 25P
3.5-MHz High Efficiency Step-Up Converter
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI-TPS61240_15 Datasheet
1Mb / 29P
TPS6124x 3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
3.5-MHz High Efficiency Step-Up Converter
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253_016 TI1-TPS61253_016 Datasheet
6Mb / 37P
TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61240-Q1 TI1-TPS61240-Q1_17 Datasheet
1Mb / 26P
3.5-MHz High Efficiency Step-Up Converter
TPS61256A TI1-TPS61256A Datasheet
3Mb / 32P
3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER FEATURING 2.3A CURRENT LIMIT IN CHIP SCALE PACKAGING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com