Electronic Components Datasheet Search
  English  ▼

X  

TPS61240DRVT Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS61240DRVT
Description  TPS6124x 3.5-MHz High Efficiency Step-Up Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS61240DRVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS61240DRVT Datasheet HTML 9Page - Texas Instruments TPS61240DRVT Datasheet HTML 10Page - Texas Instruments TPS61240DRVT Datasheet HTML 11Page - Texas Instruments TPS61240DRVT Datasheet HTML 12Page - Texas Instruments TPS61240DRVT Datasheet HTML 13Page - Texas Instruments TPS61240DRVT Datasheet HTML 14Page - Texas Instruments TPS61240DRVT Datasheet HTML 15Page - Texas Instruments TPS61240DRVT Datasheet HTML 16Page - Texas Instruments TPS61240DRVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
OUT
OUT
IN
IN
L(peak)
OUT
I
V
V
V
D
I
=
+
with D =
2
f
L
(1
D)
η
V
-
´
´
´
-
´
(
)
´
-
»
D
´
´
IN
OUT
IN
MIN
L
OUT
V
V
V
L
I
f
V
»
´
´
OUT
L_MAX
OUT
IN
V
I
I
η
V
TPS61240, TPS61241
www.ti.com
SLVS806D – APRIL 2009 – REVISED DECEMBER 2015
10.2.2.1 Programming the Output Voltage
The output voltage is set by a resistor divider internally. The FB pin is used to sense the output voltage. So to
configure the output properly, the FB pin needs to be connected directly to the output.
10.2.2.2 Inductor Selection
To make sure that the TPS6124x devices can operate, an inductor must be connected between pin VIN and pin
L. A boost converter normally requires two main passive components for storing energy during the conversion. A
boost inductor and a storage capacitor at the output are required. To select the boost inductor, it is
recommended to keep the possible peak inductor current below the current limit threshold of the power switch in
the chosen configuration. The highest peak current through the inductor and the switch depends on the output
load, the input (VIN), and the output voltage (VOUT). Estimation of the maximum average inductor current can be
done using Equation 2.
(2)
For example, for an output current of 200 mA at 5.0 V VOUT, at least 540 mA of average current flows through the
inductor at a minimum input voltage of 2.3 V.
The second parameter for choosing the inductor is the desired current ripple in the inductor. Normally, it is
advisable to work with a ripple of less than 20% of the average inductor current. A smaller ripple reduces the
magnetic hysteresis losses in the inductor, as well as output voltage ripple and EMI. But in the same way,
regulation time at load changes rises. In addition, a larger inductor increases the total system size and cost. With
these parameters, it is possible to calculate the value of the minimum inductance by using Equation 3.
(3)
Parameter f is the switching frequency and
ΔIL is the ripple current in the inductor, i.e., 20% x IL. In this example,
the desired inductor has the value of 1.7
μH. With this calculated value and the calculated currents, it is possible
to choose a suitable inductor. In typical applications a 1.0-
μH inductance is recommended. The device has been
optimized to operate with inductance values between 1.0
μH and 2.2 μH. It is recommended that inductance
values of at least 1.0
μH is used, even if Equation 3 yields something lower. Care has to be taken that load
transients and losses in the circuit can lead to higher currents as estimated in Equation 3. Also, the losses in the
inductor caused by magnetic hysteresis losses and copper losses are a major parameter for total circuit
efficiency.
With the chosen inductance value, the peak current for the inductor in steady state operation can be calculated.
Equation 4 shows how to calculate the peak current I.
(4)
This would be the critical value for the current rating for selecting the inductor. It also needs to be taken into
account that load transients and error conditions may cause higher inductor currents.
Table 3. List of Inductors
MANUFACTURER
SERIES
DIMENSIONS
MDT2012-CH1R0AN
2.0 x 1.2 x 1.0 max. height
TOKO
MDT1608-CH1R0N
1.6 x 0.8 x 0.95 max. height
KSLI-201210AG-1R0
2.0 x 1.2 x 1.0 max. height
Hitachi Metals
KSLI-201610AG-1R0
2.0 x 1.6 x 1.0 max. height
muRata
LQM21PN1R0MC0
2.0 x 1.2 x 0.55 max. height
FDK
MIPS2012D1R0-X2
2.0 x 1.2 x 1.0 max. height
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS61240 TPS61241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com