Electronic Components Datasheet Search
  English  ▼

X  

TPS65279RHHT Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS65279RHHT
Description  TPS65279 4.5- to 18-V Input, 5-A/5-A Dual Synchronous Step-Down Converter With Current Sharing
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS65279RHHT Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS65279RHHT Datasheet HTML 18Page - Texas Instruments TPS65279RHHT Datasheet HTML 19Page - Texas Instruments TPS65279RHHT Datasheet HTML 20Page - Texas Instruments TPS65279RHHT Datasheet HTML 21Page - Texas Instruments TPS65279RHHT Datasheet HTML 22Page - Texas Instruments TPS65279RHHT Datasheet HTML 23Page - Texas Instruments TPS65279RHHT Datasheet HTML 24Page - Texas Instruments TPS65279RHHT Datasheet HTML 25Page - Texas Instruments TPS65279RHHT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
TPS65279
SLVSC85C – AUGUST 2013 – REVISED MAY 2015
www.ti.com
9.2.1.3 Application Curves
Figure 24. Output Ripple at 0 A, Forced PWM
Figure 25. Output Ripple at 3.5 A, Forced PWM
Figure 26. Output Ripple, Buck1 at 0.05 A,
Figure 27. Startup With Enable
Buck2 at 0.2 A Auto PSM-PWM Mode
Figure 28. Shutdown With Enable
Figure 29. Load Transient, Buck1 2.5 A - 4.5 A,
Buck2 0.5 A - 2.5 A
22
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TPS65279



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com