Electronic Components Datasheet Search
  English  ▼

X  

TPS65279RHHT Datasheet(PDF) 29 Page - Texas Instruments

Part # TPS65279RHHT
Description  TPS65279 4.5- to 18-V Input, 5-A/5-A Dual Synchronous Step-Down Converter With Current Sharing
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS65279RHHT Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS65279RHHT Datasheet HTML 25Page - Texas Instruments TPS65279RHHT Datasheet HTML 26Page - Texas Instruments TPS65279RHHT Datasheet HTML 27Page - Texas Instruments TPS65279RHHT Datasheet HTML 28Page - Texas Instruments TPS65279RHHT Datasheet HTML 29Page - Texas Instruments TPS65279RHHT Datasheet HTML 30Page - Texas Instruments TPS65279RHHT Datasheet HTML 31Page - Texas Instruments TPS65279RHHT Datasheet HTML 32Page - Texas Instruments TPS65279RHHT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
31-Oct-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
TPS65279DAP
Active
Production
HTSSOP (DAP) | 32
46 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
TPS65279
TPS65279DAP.A
Active
Production
HTSSOP (DAP) | 32
46 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
TPS65279
TPS65279DAPR
Active
Production
HTSSOP (DAP) | 32
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
TPS65279
TPS65279DAPR.A
Active
Production
HTSSOP (DAP) | 32
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
TPS65279
TPS65279DAPRG4
Active
Production
HTSSOP (DAP) | 32
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
TPS65279
TPS65279DAPRG4.A
Active
Production
HTSSOP (DAP) | 32
2000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
TPS65279
TPS65279RHHR
Active
Production
VQFN (RHH) | 36
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
TPS
65279
TPS65279RHHR.A
Active
Production
VQFN (RHH) | 36
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
TPS
65279
TPS65279RHHRG4
Active
Production
VQFN (RHH) | 36
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
TPS
65279
TPS65279RHHRG4.A
Active
Production
VQFN (RHH) | 36
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
TPS
65279
TPS65279RHHT
Active
Production
VQFN (RHH) | 36
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
TPS
65279
TPS65279RHHT.A
Active
Production
VQFN (RHH) | 36
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
TPS
65279
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com