Electronic Components Datasheet Search
  English  ▼

X  

TPS65279RHHT Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS65279RHHT
Description  TPS65279 4.5- to 18-V Input, 5-A/5-A Dual Synchronous Step-Down Converter With Current Sharing
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS65279RHHT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS65279RHHT Datasheet HTML 9Page - Texas Instruments TPS65279RHHT Datasheet HTML 10Page - Texas Instruments TPS65279RHHT Datasheet HTML 11Page - Texas Instruments TPS65279RHHT Datasheet HTML 12Page - Texas Instruments TPS65279RHHT Datasheet HTML 13Page - Texas Instruments TPS65279RHHT Datasheet HTML 14Page - Texas Instruments TPS65279RHHT Datasheet HTML 15Page - Texas Instruments TPS65279RHHT Datasheet HTML 16Page - Texas Instruments TPS65279RHHT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
SS
0.6 V
t
(ms)
Css(nF)
6 A
æ
ö
=
´ ç
÷
m
è
ø
ROSC
ROSC
TPS65279
Mode
Selection
TPS65279
www.ti.com
SLVSC85C – AUGUST 2013 – REVISED MAY 2015
Feature Description (continued)
8.3.2.1 Synchronization
An internal phase locked loop (PLL) has been implemented to allow synchronization between 200 kHz and 1600
kHz, and to easily switch from Resistor mode to Synchronization mode.
To implement the synchronization feature, connect a square wave clock signal to the ROSC pin with a duty cycle
between 20% to 80%. The clock signal amplitude must transition lower than 0.8 V and higher than 2 V. The start
of the switching cycle is synchronized to the falling edge of ROSC pin.
In applications where both Resistor mode and Synchronization mode are needed, the device can be configured
as shown in Figure 17. Before the external clock is present, the device works in Resistor mode and the switching
frequency is set by ROSC resistor. When the external clock is present, the Synchronization mode overrides the
Resistor mode. The first time the ROSC pin is pulled above the ROSC high threshold (2 V), the device switches
from the Resistor mode to the Synchronization mode and the ROSC pin becomes high impedance as the PLL
starts to lock onto the frequency of the external clock. It is not recommended to switch from the Synchronization
mode back to the Resistor mode because the internal switching frequency drops to 100 kHz first before returning
to the switching frequency set by ROSC resistor.
Figure 17. Resistor Mode and Synchronization Mode
8.3.3 Soft-Start Time
The start-up of buck output is controlled by the voltage on the respective SS pin. When the voltage on the SS pin
is less than the internal 0.6-V reference, the TPS65279 regulates the internal feedback voltage to the voltage on
the SS pin instead of 0.6 V. The SS pin can be used to program an external soft-start function or to allow output
of buck to track another supply during start-up. The device has an internal pullup current source of 6 µA that
charges an external soft-start capacitor to provide a linear ramping voltage at SS pin. The TPS65279 regulates
the internal feedback voltage according to the voltage on the SS pin, allowing VOUT to rise smoothly from 0 V to
its final regulated voltage. The total soft-start time will be calculated approximately:
(1)
8.3.4 Out-of-Phase Operation
In order to reduce input ripple current, Buck 1 and Buck 2 operate 180° out-of-phase. This enables the system
having less input ripple, then to lower component cost, save board space and reduce EMI.
8.3.5 Output Overvoltage Protection (OVP)
The device incorporates an output overvoltage protection (OVP) circuit to minimize output voltage overshoot. For
example, when the power supply output is overloaded the error amplifier compares the actual output voltage to
the internal reference voltage. If the FB pin voltage is lower than the internal reference voltage for a considerable
time, the output of the error amplifier demands maximum output current. Once the condition is removed, the
regulator output rises and the error amplifier output transitions to the steady state voltage. In some applications
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS65279



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com