Electronic Components Datasheet Search
  English  ▼

X  

TRF1213 Datasheet(PDF) 3 Page - Texas Instruments

Part # TRF1213
Description  TRF1213 Near-DC to > 14GHz, 3dB-Bandwidth, Single-Ended-to-Differential RF Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TRF1213 Datasheet(HTML) 3 Page - Texas Instruments

  TRF1213 Datasheet HTML 1Page - Texas Instruments TRF1213 Datasheet HTML 2Page - Texas Instruments TRF1213 Datasheet HTML 3Page - Texas Instruments TRF1213 Datasheet HTML 4Page - Texas Instruments TRF1213 Datasheet HTML 5Page - Texas Instruments TRF1213 Datasheet HTML 6Page - Texas Instruments TRF1213 Datasheet HTML 7Page - Texas Instruments TRF1213 Datasheet HTML 8Page - Texas Instruments TRF1213 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
4 Pin Configuration and Functions
1
GND
2
PD
3
GND
4
GND
7
GND
8
GND
9
VDD
10
GND
Not to scale
Thermal pad
Figure 4-1. RPV Package,
12-Pin WQFN-FCRLF
(Top View)
Table 4-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
GND
1, 3, 4, 7, 8,
10
Ground
Ground
INM
5
Input
External ac coupling capacitor on negative input.
Typical value 100nF.
INP
6
Input
Single ended input
OUTM
12
Output
Differential signal output, negative
OUTP
11
Output
Differential signal output, positive
PD
2
Input
Power-down signal. Supports 1.8V and 3.3V Logic.
0 = Chip enabled
1 = Power down
VDD
9
Power
5V supply
Thermal pad
Pad
—
Thermal pad. Connect to ground on board.
www.ti.com
TRF1213
SLOSED5 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TRF1213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com