Electronic Components Datasheet Search
  English  ▼

X  

TRF1213 Datasheet(PDF) 13 Page - Texas Instruments

Part # TRF1213
Description  TRF1213 Near-DC to > 14GHz, 3dB-Bandwidth, Single-Ended-to-Differential RF Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TRF1213 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TRF1213 Datasheet HTML 9Page - Texas Instruments TRF1213 Datasheet HTML 10Page - Texas Instruments TRF1213 Datasheet HTML 11Page - Texas Instruments TRF1213 Datasheet HTML 12Page - Texas Instruments TRF1213 Datasheet HTML 13Page - Texas Instruments TRF1213 Datasheet HTML 14Page - Texas Instruments TRF1213 Datasheet HTML 15Page - Texas Instruments TRF1213 Datasheet HTML 16Page - Texas Instruments TRF1213 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
6 Detailed Description
6.1 Overview
The TRF1213 is a very high-performance, single-ended-to-differential RF amplifier optimized for radio frequency
(RF) and intermediate frequency (IF) applications with signal bandwidths up to 14GHz. The low frequency
response is limited only by the ac
‑coupling capacitor on the PCB. The device has flat pass-band response up
to 12GHz making this device an excellent choice for wideband applications, from HF to X band. The device is
designed for ac-coupled applications that require a single-ended-to-differential conversion when driving an RF
sampling analog-to-digital converter (ADC). The device has a two-stage architecture and provides approximately
14dB of gain when the single-ended input is driven by a 50Ω source.
This device does not require any pullup or pulldown components on the PCB, and thereby simplifies layout and
provides the highest performance over the entire bandwidth.
The input and output are ac coupled. The TRF1213 is powered with 5V supply. A power-down feature is also
available.
6.2 Functional Block Diagram
The following figure shows the functional block diagram of TRF1213. The device essentially has two stages with
a voltage-feedback configuration.
+
–
+
–
TRF1213
www.ti.com
TRF1213
SLOSED5 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TRF1213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com