Electronic Components Datasheet Search
  English  ▼

X  

TRF1213 Datasheet(PDF) 4 Page - Texas Instruments

Part # TRF1213
Description  TRF1213 Near-DC to > 14GHz, 3dB-Bandwidth, Single-Ended-to-Differential RF Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TRF1213 Datasheet(HTML) 4 Page - Texas Instruments

  TRF1213 Datasheet HTML 1Page - Texas Instruments TRF1213 Datasheet HTML 2Page - Texas Instruments TRF1213 Datasheet HTML 3Page - Texas Instruments TRF1213 Datasheet HTML 4Page - Texas Instruments TRF1213 Datasheet HTML 5Page - Texas Instruments TRF1213 Datasheet HTML 6Page - Texas Instruments TRF1213 Datasheet HTML 7Page - Texas Instruments TRF1213 Datasheet HTML 8Page - Texas Instruments TRF1213 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VDD
Supply voltage
–0.3
5.5
V
PINP
INP input pin power
20(2)
dBm
VINM
INM input pin voltage
–0.3
3.3(3)
V
VPD
Power-down pin voltage
–0.3
3.45(3)
V
TJ
Junction temperature
150
ºC
Tstg
Storage temperature
–40
150
ºC
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
When VDD = 0V, maximum value is 0dBm.
(3)
When VDD = 0V, maximum value is 0.3V.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±1000
V
Charged device model (CDM), per ANSI/ESDA/JEDEC JS-002, all pins(2)
±250
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Supply voltage
4.75
5
5.25
V
TA
Ambient free-air temperature
–40
25
°C
TJ
Junction temperature
125
°C
5.4 Thermal Information
THERMAL METRIC(1)
TRF1213
UNIT
RPV (WQFN-FCRLF)
12 PINS
RθJA
Junction-to-ambient thermal resistance
66.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
35.3
°C/W
RθJB
Junction-to-board thermal resistance
31.1
°C/W
ΨJT
Junction-to-top characterization parameter
0.6
°C/W
ΨJB
Junction-to-board characterization parameter
31.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
10.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
TRF1213
SLOSED5 – DECEMBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TRF1213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com