Electronic Components Datasheet Search
  English  ▼

X  

TRF1213 Datasheet(PDF) 7 Page - Texas Instruments

Part # TRF1213
Description  TRF1213 Near-DC to > 14GHz, 3dB-Bandwidth, Single-Ended-to-Differential RF Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TRF1213 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TRF1213 Datasheet HTML 3Page - Texas Instruments TRF1213 Datasheet HTML 4Page - Texas Instruments TRF1213 Datasheet HTML 5Page - Texas Instruments TRF1213 Datasheet HTML 6Page - Texas Instruments TRF1213 Datasheet HTML 7Page - Texas Instruments TRF1213 Datasheet HTML 8Page - Texas Instruments TRF1213 Datasheet HTML 9Page - Texas Instruments TRF1213 Datasheet HTML 10Page - Texas Instruments TRF1213 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
5.6 Typical Characteristics
at TA = 25°C, temperature curves specify ambient temperature, VDD = 5V, 50Ω single-ended input, and 100Ω differential
output (unless otherwise noted)
Frequency (GHz)
0
2
4
6
8
10
12
14
16
8
9
10
11
12
13
14
15
16
−40
C
25
C
85
C
105
C
Figure 5-1. Power Gain Across Temperature
Frequency (GHz)
0
2
4
6
8
10
12
14
16
8
9
10
11
12
13
14
15
16
4.75V
5V
5.25V
Figure 5-2. Power Gain Across VDD
Frequency (GHz)
0
2
4
6
8
10
12
14
16
-35
-30
-25
-20
-15
-10
-5
0
−40
C
25
C
85
C
105
C
Figure 5-3. Return Loss Across Temperature
Frequency (GHz)
0
2
4
6
8
10
12
14
16
-35
-30
-25
-20
-15
-10
-5
0
4.75V
5V
5.25V
Figure 5-4. Return Loss Across VDD
Figure 5-5. Reverse Isolation Across Temperature
Frequency (GHz)
0
2
4
6
8
10
12
14
-60
-55
-50
-45
-40
-35
-30
-25
4.75V
5V
5.25V
Figure 5-6. Reverse Isolation Across VDD
www.ti.com
TRF1213
SLOSED5 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TRF1213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com