Electronic Components Datasheet Search
  English  ▼

X  

TUSB1064 Datasheet(PDF) 34 Page - Texas Instruments

Part # TUSB1064
Description  TUSB1064 USB TYPE-C™ DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1064 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TUSB1064 Datasheet HTML 30Page - Texas Instruments TUSB1064 Datasheet HTML 31Page - Texas Instruments TUSB1064 Datasheet HTML 32Page - Texas Instruments TUSB1064 Datasheet HTML 33Page - Texas Instruments TUSB1064 Datasheet HTML 34Page - Texas Instruments TUSB1064 Datasheet HTML 35Page - Texas Instruments TUSB1064 Datasheet HTML 36Page - Texas Instruments TUSB1064 Datasheet HTML 37Page - Texas Instruments TUSB1064 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
Frequency (GHz)
0
2
4
6
8
10
12
14
16
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
D009
Length=12in, Width=6mil
Length=16in, Width=6mil
Length=20in, Width=6mil
Length=24in, Width=6mil
Length=4in, Width=4mil
Length=8in, Width=10mil
Length=8in, Width=6mil
SBU1
SBU2
AUXn
AUXp
TUSB1064
SBU2
SBU1
AUXP
AUXN
PD Controller
SBU2
SBU1
1M (+/-5%)
1M (+/-5%)
AUXP
AUXN
SRC_DET#
SRC_DET
100nF
100nF
DP SINK
3.3V
Make AUX connections as short as
possible to minimize stub effects
DP0
DP1
DP2
DP3
TX1
RX1
RX2
TX2
ML0
ML1
ML2
ML3
Copyright © 2017, Texas Instruments Incorporated
2M
2M
34
TUSB1064
SLLSF48C – MARCH 2018 – REVISED SEPTEMBER 2019
www.ti.com
Product Folder Links: TUSB1064
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
The use-case with the AUX-to-SBU switching performed by an external device is shown in Figure 29. In this
case, it is assumed that the PD controller is capable of correcting the polarity inversion of the AUX signal and the
TUSB1064 is provided with the corrected polarity of the AUX signal through its AUXp/AUXn pins. If the
TUSB1064 device configuration is through the I2C Mode, AUX snooping should be disabled by setting
AUX_SNOOP_DISABLE register 0x13[7] = 1'b1. The DisplayPort sink device has to handle the polarity inversion
of the Main Link signals as well as the Main Link lane swapping.
Figure 29. DisplayPort AUX Connections for UFP_D Pin Assignment E with External AUX Switching
9.2.4 PCB Insertion Loss Curves
Figure 30. Insertion Loss of FR4 PCB Traces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com