Electronic Components Datasheet Search
  English  ▼

X  

TUSB1064 Datasheet(PDF) 5 Page - Texas Instruments

Part # TUSB1064
Description  TUSB1064 USB TYPE-C™ DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1064 Datasheet(HTML) 5 Page - Texas Instruments

  TUSB1064 Datasheet HTML 1Page - Texas Instruments TUSB1064 Datasheet HTML 2Page - Texas Instruments TUSB1064 Datasheet HTML 3Page - Texas Instruments TUSB1064 Datasheet HTML 4Page - Texas Instruments TUSB1064 Datasheet HTML 5Page - Texas Instruments TUSB1064 Datasheet HTML 6Page - Texas Instruments TUSB1064 Datasheet HTML 7Page - Texas Instruments TUSB1064 Datasheet HTML 8Page - Texas Instruments TUSB1064 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
5
TUSB1064
www.ti.com
SLLSF48C – MARCH 2018 – REVISED SEPTEMBER 2019
Product Folder Links: TUSB1064
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature and voltage range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply Voltage Range
-0.3
4
V
VIN_DIFF
Differential Voltage at Differential Inputs
±2.5
V
VIN_SE
Input Voltage at Differential Inputs
-0.5
4
V
VIN_CMOS
Input Voltage at CMOS Inputs
-0.3
4
V
TJ
TUSB1064 Junction Temperature
110
°C
TUSB1064I Junction Temperature
125
°C
TSTG
Storage temperature
-65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per
ANSI/ESDA/JEDEC JS-001, all pins(1)
±5000
V
Charged device model (CDM), per JEDEC
specification JESD22-C101, all pins(2)
±1500
6.3 Recommended Operating Conditions
over operating free-air temperature and voltage range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TA
Ambient temperature for TUSB1064
0
70
°C
TA
Ambient temperature for TUSB1064I
-40
85
°C
VCC
Supply voltage
3
3.3
3.6
V
VCC_RAMP
Power supply ramp
0.1
100
ms
VI2C
Supply that external resistors on SDA and SCL are pulled up to
1.7
3.6
V
VPSN
Power supply noise on VCC
100
mV
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TUSB1064
UNIT
RNQ (WQFN)
40 PINS
RθJA
Junction-to-ambient thermal resistance
37.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
20.7
°C/W
RθJB
Junction-to-board thermal resistance
9.5
°C/W
ΨJT
Junction-to-top characterization parameter
0.2
°C/W
ΨJB
Junction-to-board characterization parameter
9.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.3
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com