Electronic Components Datasheet Search
  English  ▼

X  

TUSB1064 Datasheet(PDF) 11 Page - Texas Instruments

Part # TUSB1064
Description  TUSB1064 USB TYPE-C™ DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1064 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB1064 Datasheet HTML 7Page - Texas Instruments TUSB1064 Datasheet HTML 8Page - Texas Instruments TUSB1064 Datasheet HTML 9Page - Texas Instruments TUSB1064 Datasheet HTML 10Page - Texas Instruments TUSB1064 Datasheet HTML 11Page - Texas Instruments TUSB1064 Datasheet HTML 12Page - Texas Instruments TUSB1064 Datasheet HTML 13Page - Texas Instruments TUSB1064 Datasheet HTML 14Page - Texas Instruments TUSB1064 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
Differential Input Voltage (mV)
0
500
1000
1500
2000
0
200
400
600
800
1000
1200
1400
D002
EQ0
EQ2
EQ4
EQ6
EQ8
EQ10
EQ12
EQ15
Differential Input Voltage (mV)
0
500
1000
1500
2000
0
200
400
600
800
1000
1200
D001
EQ0
EQ2
EQ4
EQ6
EQ8
EQ10
EQ12
EQ15
0
200
400
600
800
1000
1200
1400
1600
0
200
400
600
800
1000
1200
1400
1600
1800
2000
Differential Input Voltage (mV)
EQ0
EQ2
EQ4
EQ6
EQ7
EQ10
EQ12
EQ15
11
TUSB1064
www.ti.com
SLLSF48C – MARCH 2018 – REVISED SEPTEMBER 2019
Product Folder Links: TUSB1064
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
6.8 Typical Characteristics
Figure 1. DisplayPort EQ Settings Curves
Figure 2. USB RX (DFP) EQ Settings Curves
Figure 3. USB TX (UFP) EQ Settings Curves
Figure 4. DisplayPort Linearity Curves at 4.05 GHz
Figure 5. USB TX (DFP) Linearity Curves at 5 GHz
Figure 6. USB RX (UFP) Linearity Curves at 5 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com