Electronic Components Datasheet Search
  English  ▼

X  

TUSB1064 Datasheet(PDF) 14 Page - Texas Instruments

Part # TUSB1064
Description  TUSB1064 USB TYPE-C™ DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1064 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TUSB1064 Datasheet HTML 10Page - Texas Instruments TUSB1064 Datasheet HTML 11Page - Texas Instruments TUSB1064 Datasheet HTML 12Page - Texas Instruments TUSB1064 Datasheet HTML 13Page - Texas Instruments TUSB1064 Datasheet HTML 14Page - Texas Instruments TUSB1064 Datasheet HTML 15Page - Texas Instruments TUSB1064 Datasheet HTML 16Page - Texas Instruments TUSB1064 Datasheet HTML 17Page - Texas Instruments TUSB1064 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
CTL1
VOUT
50%
90%
50%
10%
TAUX_SW_ON
TAUX_SW_OFF + TCTL1_DEBOUNCE
tr
tf
20%
80%
TIDLEExit
TIDLEEntry
IN+
IN-
Vcm
OUT+
OUT-
Vcm
VRX-LFPS-DET-DIFF-PP
14
TUSB1064
SLLSF48C – MARCH 2018 – REVISED SEPTEMBER 2019
www.ti.com
Product Folder Links: TUSB1064
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Parameter Measurement Information (continued)
Figure 14. Electrical Idle Mode Exit and Entry Delay
Figure 15. Output Rise and Fall Times
Figure 16. AUX and SBU Switch ON and OFF Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com