Electronic Components Datasheet Search
  English  ▼

X  

TUSB8042A Datasheet(PDF) 28 Page - Texas Instruments

Part # TUSB8042A
Description  TUSB8042A Four-Port USB 3.2 x1 Gen1 Hub
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8042A Datasheet(HTML) 28 Page - Texas Instruments

Back Button TUSB8042A Datasheet HTML 24Page - Texas Instruments TUSB8042A Datasheet HTML 25Page - Texas Instruments TUSB8042A Datasheet HTML 26Page - Texas Instruments TUSB8042A Datasheet HTML 27Page - Texas Instruments TUSB8042A Datasheet HTML 28Page - Texas Instruments TUSB8042A Datasheet HTML 29Page - Texas Instruments TUSB8042A Datasheet HTML 30Page - Texas Instruments TUSB8042A Datasheet HTML 31Page - Texas Instruments TUSB8042A Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
8.7 Device Configuration Register
Figure 8-6. Register Offset 5h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
1
X
X
0
0
Note
Reset state of REG_05h[1] for TUSB8042A is 0 and for TUSB8042A1 is 1.
Table 8-7. Bit Descriptions – Device Configuration Register
Bit
Field
Type
Description
7
customStrings
RW
Custom strings enable. This bit controls the ability to write to
the Manufacturer String Length, Manufacturer String, Product String
Length, Product String, and Language ID registers
0 = The Manufacturer String Length, Manufacturer String, Product
String Length, Product String, and Language ID registers are read only
1 = The Manufacturer String Length, Manufacturer String, Product
String Length, Product String, and Language ID registers can be
loaded by EEPROM or written by SMBus
The default value of this bit is 0.
6
customSernum
RW
Custom serial number enable. This bit controls the ability to write to the
serial number registers.
0 = The Serial Number String Length and Serial Number String
registers are read only
1 = Serial Number String Length and Serial Number String registers
can be loaded by EEPROM or written by SMBus
The default value of this bit is 0.
5
u1u2Disable
RW
U1 U2 Disable. This bit controls the U1/U2 support.
0 = U1/U2 support is enabled
1 = U1/U2 support is disabled
When U1/U2 support is disabled, the TUSB8042A does not initiate or
accept any U1 or U2 requests on any port, upstream or downstream,
unless the device receives or sends a Force_LinkPM_Accept LMP.
After receiving or sending an FLPMA LMP, the device continues to
enable U1 and U2 according to USB 3.2 protocol until the device gets a
power-on reset or is disconnected on the upstream port.
When the TUSB8042A is in I2C mode, the TUSB8042A loads this bit
from the contents of the EEPROM.
When the TUSB8042A is in SMBUS mode, the value can be
overwritten by an SMBus host.
4
RSVD
RO
Reserved. This bit is reserved and returns 1 when read.
3
ganged
RW
Ganged. This bit is loaded at the deassertion of reset with the value of
the GANGED/SMBA2/HS_UP pin.
0 = When fullPwrMgmtz = 0, each port is individually power switched
and enabled by the PWRCTL[4:1]/BATEN[4:1] pins
1 = When fullPwrMgmtz = 0, the power switch control for all ports is
ganged and enabled by the PWRCTL[4:1]/BATEN1 pin
When the TUSB8042A is in I2C mode, the TUSB8042A loads this bit
from the contents of the EEPROM.
When the TUSB8042A is in SMBUS mode, the value can be
overwritten by an SMBus host.
2
fullPwrMgmtz
RW
Full Power Management. This bit is loaded at the deassertion of reset
with the value of the FULLPWRMGMTz/SMBA1/SS_UP pin.
0 = Port power switching status reporting is enabled
1 = Port power switching status reporting is disabled
When the TUSB8042A is in I2C mode, the TUSB8042A loads this bit
from the contents of the EEPROM.
When the TUSB8042A is in SMBUS mode, the value can be
overwritten by an SMBus host.
TUSB8042A
SLLSF93A – JUNE 2019 – REVISED JANUARY 2025
www.ti.com
28
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB8042A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com