Electronic Components Datasheet Search
  English  ▼

X  

TUSB8042A Datasheet(PDF) 13 Page - Texas Instruments

Part # TUSB8042A
Description  TUSB8042A Four-Port USB 3.2 x1 Gen1 Hub
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8042A Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB8042A Datasheet HTML 9Page - Texas Instruments TUSB8042A Datasheet HTML 10Page - Texas Instruments TUSB8042A Datasheet HTML 11Page - Texas Instruments TUSB8042A Datasheet HTML 12Page - Texas Instruments TUSB8042A Datasheet HTML 13Page - Texas Instruments TUSB8042A Datasheet HTML 14Page - Texas Instruments TUSB8042A Datasheet HTML 15Page - Texas Instruments TUSB8042A Datasheet HTML 16Page - Texas Instruments TUSB8042A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD33_2H_
0SS_4HS
VDD33 current upstream port connected
to USB 2.0 Host, downstream port(s)
connected to 0 SS devices, and 4 HS
device.
VDD = 1.1V; VDD33 = 3.3V; TA = 25°C;
76
mA
3.3V I/O
VIH
High-level input voltage(1)
2
3.6
V
VIL
Low-level input voltage(1)
0
0.8
V
VI
Input voltage
0
3.6
V
VO
Output voltage(2)
0
3.6
V
tt
Input transition time (tRISE and tFALL)
25
ns
VHYS
Input hysteresis(3)
0.13 x
VDD33
V
VOH
High-level output voltage
IOH = –4 mA
2.4
V
VOL
Low-level output voltage
IOH = 4 mA
0.4
V
IOZP
High-impedance output current with
internal pullup or pulldown resistor.(4)
VI = 0 to VDD33;
–250
250
µA
II
Input current(5)
VI = 0 to VDD33;
–15
15
µA
RPD
Internal pulldown resistance
13.5
19
27.5
kΩ
RPU
Internal pullup resistance
14.5
19
25
kΩ
(1)
Applies to external inputs and bidirectional buffers
(2)
Applies to external outputs and bidirectional buffers
(3)
Applies to GRSTZ
(4)
Applies to pins with internal pullups/pulldowns.
(5)
Applies to external input buffers
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
Power-on timings. Refer to Figure 6-1
td1
VDD stable before VDD33 stable. (2) (3)
0
ms
td2
VDD and VDD33 before deassertion of GRSTz.
3
ms
tsu_io
Setup for MISC inputs. (1)
0.1
µs
thd_io
Hold for MISC inputs. (1)
0.1
µs
tVDD33_RAM
P
VDD33 supply ramp requirement.
0.2
100
ms
tVDD_RAMP VDD supply ramp requirement.
0.2
100
ms
(1)
MISC pins sampled at deassertion of GRSTz: BATEN[4:1], AUTOENz, FULLPWRMGMTz, GANGED, SMBUSz, and PWRCTL_POL.
(2)
As long as GRSTz is deasserted after both supplies are stable, there is no power-on relationship between VDD33 and VDD. If GRSTz is
only connected to a capacitor to GND, then VDD must be stable minimum of 10 µs before VDD33.
(3)
An active reset is required if the VDD33 supply is stable before VDD supply. This active reset shall meet the 3 ms power-up delay
counting from both power supplies stable to deassertion of GRSTz.
www.ti.com
TUSB8042A
SLLSF93A – JUNE 2019 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TUSB8042A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com