Electronic Components Datasheet Search
  English  ▼

X  

TUSB8042A Datasheet(PDF) 36 Page - Texas Instruments

Part # TUSB8042A
Description  TUSB8042A Four-Port USB 3.2 x1 Gen1 Hub
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8042A Datasheet(HTML) 36 Page - Texas Instruments

Back Button TUSB8042A Datasheet HTML 32Page - Texas Instruments TUSB8042A Datasheet HTML 33Page - Texas Instruments TUSB8042A Datasheet HTML 34Page - Texas Instruments TUSB8042A Datasheet HTML 35Page - Texas Instruments TUSB8042A Datasheet HTML 36Page - Texas Instruments TUSB8042A Datasheet HTML 37Page - Texas Instruments TUSB8042A Datasheet HTML 38Page - Texas Instruments TUSB8042A Datasheet HTML 39Page - Texas Instruments TUSB8042A Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
8.21 Serial Number String Registers
Figure 8-20. Register Offset 30h-4Fh
Bit No.
7
6
5
4
3
2
1
0
Reset State
X
X
x
x
x
x
x
x
Table 8-21. Bit Descriptions – Serial Number Registers
Bit
Field
Type
Description
7:0
serialNumber[n]
RO/RW
Serial Number byte N. The serial number returned in the Serial Number
string descriptor at string index 1. The default value of these registers
is assigned by TI. When customSernum is 1, these registers can be
overwritten by EEPROM contents or by an SMBus host.
TUSB8042A
SLLSF93A – JUNE 2019 – REVISED JANUARY 2025
www.ti.com
36
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB8042A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com