Electronic Components Datasheet Search
  English  ▼

X  

TUSB8042A Datasheet(PDF) 5 Page - Texas Instruments

Part # TUSB8042A
Description  TUSB8042A Four-Port USB 3.2 x1 Gen1 Hub
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8042A Datasheet(HTML) 5 Page - Texas Instruments

  TUSB8042A Datasheet HTML 1Page - Texas Instruments TUSB8042A Datasheet HTML 2Page - Texas Instruments TUSB8042A Datasheet HTML 3Page - Texas Instruments TUSB8042A Datasheet HTML 4Page - Texas Instruments TUSB8042A Datasheet HTML 5Page - Texas Instruments TUSB8042A Datasheet HTML 6Page - Texas Instruments TUSB8042A Datasheet HTML 7Page - Texas Instruments TUSB8042A Datasheet HTML 8Page - Texas Instruments TUSB8042A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
5 Pin Configuration and Functions
1
USB_DP_DN1
48
USB_VBUS
2
USB_DM_DN1
47
OVERCUR2z
3
USB_SSTXP_DN1
46
OVERCUR1z
4
USB_SSTXM_DN1
45
AUTOENz/HS_SUSPEND
5
VDD
44
OVERCUR3z
6
USB_SSRXP_DN1
43
OVERCUR4z
7
USB_SSRXM_DN1
42
GANGED/SMBA2/HS_UP
8
VDD
41
PWRCTL_POL
9
USB_DP_DN2
40
FULLPWRMGMTz/SMBA1/SS_UP
10
USB_DM_DN2
39
SMBUSz/SS_SUSPEND
11
USB_SSTXP_DN2
38
SCL/SMBCLK
12
USB_SSTXM_DN2
37
SDA/SMBDAT
13
VDD
36
PWRCTL1/BATEN1
14
USB_SSRXP_DN2
35
PWRCTL2/BATEN2
15
USB_SSRXM_DN2
34
VDD33
16
VDD33
33
PWRCTL3/BATEN3
Not to scale
Thermal
Pad
Figure 5-1. RGC Package 64-Pin (VQFN) (Top View)
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
Clock and Reset Signals
GRSTz
50
I, PU
Global power reset. This reset brings all of the TUSB8042A internal registers to the default
states. When GRSTz is asserted, the device is completely nonfunctional.
XI
62
I
Crystal input. This pin is the crystal input for the internal oscillator. The input can alternately be
driven by the output of an external oscillator. When using a crystal, a 1MΩ feedback resistor is
required between XI and XO.
XO
61
O
Crystal output. This pin is the crystal output for the internal oscillator. If XI is driven by an
external oscillator, this pin can be left unconnected. When using a crystal, a 1MΩ feedback
resistor is required between XI and XO.
www.ti.com
TUSB8042A
SLLSF93A – JUNE 2019 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TUSB8042A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com