Electronic Components Datasheet Search
  English  ▼

X  

TUSB8043AIRGCT Datasheet(PDF) 28 Page - Texas Instruments

Part # TUSB8043AIRGCT
Description  TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8043AIRGCT Datasheet(HTML) 28 Page - Texas Instruments

Back Button TUSB8043AIRGCT Datasheet HTML 24Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 25Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 26Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 27Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 28Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 29Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 30Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 31Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
28
TUSB8043A
SLLSF94 – JUNE 2019
www.ti.com
Product Folder Links: TUSB8043A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.5.7 Device Configuration Register
Figure 8. Register Offset 5h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
1
X
X
0
0
Table 12. Bit Descriptions – Device Configuration Register
Bit
Field
Type
Description
7
customStrings
RW
Custom strings enable. This bit controls the ability to write to the
Manufacturer String Length, Manufacturer String, Product String
Length, Product String, and Language ID registers
0 = The Manufacturer String Length, Manufacturer String, Product
String Length, Product String, and Language ID registers are read only
1 = The Manufacturer String Length, Manufacturer String, Product
String Length, Product String, and Language ID registers may be
loaded by EEPROM or written by SMBus
The default value of this bit is 0.
6
customSernum
RW
Custom serial number enable. This bit controls the ability to write to the
serial number registers.
0 = The Serial Number String Length and Serial Number String
registers are read only
1 = Serial Number String Length and Serial Number String registers
may be loaded by EEPROM or written by SMBus
The default value of this bit is 0.
5
u1u2Disable
RW
U1 U2 Disable. This bit controls the U1/U2 support.
0 = U1/U2 support is enabled
1 = U1/U2 support is disabled, the TUSB8043A will not initiate or
accept any U1 or U2 requests on any port, upstream or downstream,
unless it receives or sends a Force_LinkPM_Accept LMP. After
receiving or sending an FLPMA LMP, it continues to enable U1 and U2
according to USB 3.2 protocol until it gets a power-on reset or is
disconnected on its upstream port.
When the TUSB8043A is in I2C mode, the TUSB8043A loads this bit
from the contents of the EEPROM.
When the TUSB8043A is in SMBUS mode, the value may be over-
written by an SMBus host.
4
RSVD
RO
Reserved. This bit is reserved and returns 1 when read.
3
ganged
RW
Ganged. This bit is loaded at the de-assertion of reset with the value of
the GANGED/SMBA2/HS_UP pin.
0 = When fullPwrMgmtz = 0, each port is individually power switched
and enabled by the PWRCTL[4:1]/BATEN[4:1] pins
1 = When fullPwrMgmtz = 0, the power switch control for all ports is
ganged and enabled by the PWRCTL[4:1]/BATEN1 pin
When the TUSB8043A is in I2C mode, the TUSB8043A loads this bit
from the contents of the EEPROM.
When the TUSB8043A is in SMBUS mode, the value may be over-
written by an SMBus host.
2
fullPwrMgmtz
RW
Full Power Management. This bit is loaded at the de-assertion of reset
with the value of the FULLPWRMGMTz/SMBA1/SS_UP pin.
0 = Port power switching status reporting is enabled
1 = Port power switching status reporting is disabled
When the TUSB8043A is in I2C mode, the TUSB8043A loads this bit
from the contents of the EEPROM.
When the TUSB8043A is in SMBUS mode, the value may be over-
written by an SMBus host.
1
u1u2TimerOvr
RW
U1 U2 Timer Override. When this field is set, the TUSB8043A
overrides the downstream ports U1/U2 timeout values set by USB 3.2
Host software. If software sets value in the range of 1h - FFh, the
TUSB8043A uses the value of FFh. If software sets value to 0, then
TUSB8043A uses value of 0. REG_09h [6] must be set to enable this
feature.
0
RSVD
RO
Reserved. This field is reserved and returns 0 when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com