Electronic Components Datasheet Search
  English  ▼

X  

TUSB8043AIRGCT Datasheet(PDF) 37 Page - Texas Instruments

Part # TUSB8043AIRGCT
Description  TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8043AIRGCT Datasheet(HTML) 37 Page - Texas Instruments

Back Button TUSB8043AIRGCT Datasheet HTML 33Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 34Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 35Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 36Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 37Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 38Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 39Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 40Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 62 page
background image
37
TUSB8043A
www.ti.com
SLLSF94 – JUNE 2019
Product Folder Links: TUSB8043A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.5.22 Manufacturer String Registers
Figure 23. Register Offset 50h-8Fh
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 27. Bit Descriptions – Manufacturer String Registers
Bit
Field
Type
Description
7:0
mfgStringByte[n]
RW
Manufacturer string byte N. These registers provide the string values
returned for string index 3 when mfgStringLen is greater than 0. The
number of bytes returned in the string is equal to mfgStringLen.
The programmed data should be in UNICODE UTF-16LE encodings
as defined by The Unicode Standard, Worldwide Character Encoding,
Version 5.0.
8.5.23 Product String Registers
Figure 24. Register Offset 90h-CFh
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 28. Bit Descriptions – Product String Byte N Register
Bit
Field
Type
Description
7:0
prodStringByte[n]
RO/RW
Product string byte N. These registers provide the string values
returned for string index 2 when prodStringLen is greater than 0. The
number of bytes returned in the string is equal to prodStringLen.
The programmed data should be in UNICODE UTF-16LE encodings
as defined by The Unicode Standard, Worldwide Character Encoding,
Version 5.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com