Electronic Components Datasheet Search
  English  ▼

X  

TUSB8043AIRGCT Datasheet(PDF) 59 Page - Texas Instruments

Part # TUSB8043AIRGCT
Description  TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8043AIRGCT Datasheet(HTML) 59 Page - Texas Instruments

Back Button TUSB8043AIRGCT Datasheet HTML 54Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 55Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 56Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 57Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 58Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 59Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 60Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 61Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 62Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 59 / 62 page
background image
www.ti.com
PACKAGE OUTLINE
C
SEE DETAIL
64X 0.30
0.18
6 0.05
64X 0.5
0.3
1 MAX
(0.2) TYP
0.05
0.00
60X 0.5
2X
7.5
2X 7.5
A
9.1
8.9
B
9.1
8.9
(0.1) TYP
VQFN - 1 mm max height
RGC0064G
PLASTIC QUAD FLATPACK - NO LEAD
4222053/B 06/2015
PIN 1 INDEX AREA
0.08
SEATING PLANE
1
16
33
48
17
32
64
49
(OPTIONAL)
PIN 1 ID
0.1
C A
B
0.05
EXPOSED
THERMAL PAD
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 1.500
SCALE 8.000
LEADFRAME PROFILE
OPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com