Electronic Components Datasheet Search
  English  ▼

X  

TUSB8043AIRGCT Datasheet(PDF) 30 Page - Texas Instruments

Part # TUSB8043AIRGCT
Description  TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8043AIRGCT Datasheet(HTML) 30 Page - Texas Instruments

Back Button TUSB8043AIRGCT Datasheet HTML 26Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 27Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 28Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 29Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 30Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 31Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 32Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 33Page - Texas Instruments TUSB8043AIRGCT Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
30
TUSB8043A
SLLSF94 – JUNE 2019
www.ti.com
Product Folder Links: TUSB8043A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table 15. Bit Descriptions – Port Used Configuration Register
Bit
Field
Type
Description
7:4
RSVD
RO
Reserved. Read only.
3:0
used[3:0]
RO/RW
Used. The bits in this field indicate whether a port is enabled.
0 = The port is not used or disabled
1 = The port is used or enabled
Each bit corresponds directly to a downstream port, i.e. used0
corresponds to downstream port 1, used1 corresponds to downstream
port 2, etc. This field is read only unless the customRmbl bit is set to 1.
When the corresponding USB2_ONLY bit is set, the USB2 port is used
and enabled regardless of the bit programmed into this field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com