Electronic Components Datasheet Search
  English  ▼

X  

TXB0101DBVT Datasheet(PDF) 3 Page - Texas Instruments

Part # TXB0101DBVT
Description  TXB0101 1-Bit Bidirectional Level-Shifting and Voltage Translator With Auto Direction-Sensing and ±15kV ESD Protection
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TXB0101DBVT Datasheet(HTML) 3 Page - Texas Instruments

  TXB0101DBVT Datasheet HTML 1Page - Texas Instruments TXB0101DBVT Datasheet HTML 2Page - Texas Instruments TXB0101DBVT Datasheet HTML 3Page - Texas Instruments TXB0101DBVT Datasheet HTML 4Page - Texas Instruments TXB0101DBVT Datasheet HTML 5Page - Texas Instruments TXB0101DBVT Datasheet HTML 6Page - Texas Instruments TXB0101DBVT Datasheet HTML 7Page - Texas Instruments TXB0101DBVT Datasheet HTML 8Page - Texas Instruments TXB0101DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
4 Pin Configuration and Functions
1
VCCA 
6
VCCB 
2
GND
5
OE
3
A
4
B
Not to scale
Figure 4-1. DBV Package, 6-Pin SOT-23
(Top View)
1
VCCA 
6
VCCB 
2
GND
5
OE
3
A
4
B
Not to scale
Figure 4-2. DCK Package, 6-Pin SC70
(Top View)
1
VCCA 
2
GND
3
A
4
B
5
OE
6
VCCB 
Not to scale
Figure 4-3. DRL Package, 6-Pin SOT
(Top View)
1
2
C
B
A
Not to scale
A
B
GND
OE
V
CCA
V
CCB
Figure 4-4. YZP Package, 6-Ball DSBGA
(Bottom View)
1
V CCA 
2
GND
3
A
4
B
5
OE
6
V CCB 
Not to scale
Figure 4-5. DRY Package, 6-Pin USON
(Top View)
A.
See mechanical drawings for dimensions.
B.
Pullup resistors are not required on both sides for Logic I/O.
C.
If pullup or pulldown resistors are needed, the resistor value must be over 50kΩ.
D.
50kΩ is a safe recommended value, if the customer can accept higher VOL or lower VOH, smaller pullup or pulldown resistor is allowed,
the draft estimation is VOL = VCCOUT × 4.5k / (4.5k + RPU) and VOH = VCCOUT × RDW / (4.5k + RDW).
E.
If pull up resistors are needed, please refer to the TXS0101 or contact TI.
F.
For detailed information, please refer to application note, A Guide to Voltage Translation With TXB-Type Translators.
www.ti.com
TXB0101
SCES639F – JANUARY 2007 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TXB0101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com