Electronic Components Datasheet Search
  English  ▼

X  

TXB0101DBVT Datasheet(PDF) 6 Page - Texas Instruments

Part # TXB0101DBVT
Description  TXB0101 1-Bit Bidirectional Level-Shifting and Voltage Translator With Auto Direction-Sensing and ±15kV ESD Protection
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TXB0101DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TXB0101DBVT Datasheet HTML 2Page - Texas Instruments TXB0101DBVT Datasheet HTML 3Page - Texas Instruments TXB0101DBVT Datasheet HTML 4Page - Texas Instruments TXB0101DBVT Datasheet HTML 5Page - Texas Instruments TXB0101DBVT Datasheet HTML 6Page - Texas Instruments TXB0101DBVT Datasheet HTML 7Page - Texas Instruments TXB0101DBVT Datasheet HTML 8Page - Texas Instruments TXB0101DBVT Datasheet HTML 9Page - Texas Instruments TXB0101DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
5.3 Recommended Operating Conditions
See (1) (2).
VCCA
VCCB
MIN
MAX UNIT
VCCA
Supply voltage
1.2
3.6
V
VCCB
1.65
5.5
VIH
High-level input voltage
Data inputs
1.2V to 3.6V
1.65V to 5.5V
VCCI × 0.65(3)
VCCI
V
OE
1.2V to 3.6V
1.65V to 5.5V
VCCA × 0.65
5.5
VIL
Low-level input voltage
Data inputs
1.2V to 5.5V
1.65V to 5.5V
0
VCCI × 0.35(3)
V
OE
1.2V to 3.6V
1.65V to 5.5V
0
VCCA × 0.35
Δt/Δv
Input transition
rise or fall rate
A-port inputs
1.2V to 3.6V
1.65V to 5.5V
40
ns/V
B-port inputs
1.2V to 3.6V
1.65V to 3.6V
40
4.5V to 5.5V
30
TA
Operating free-air temperature
–40
85
°C
(1)
The A and B sides of an unused data I/O pair must be held in the same state, i.e., both at VCCI or both at GND.
(2)
VCCA must be less than or equal to VCCB and must not exceed 3.6V.
(3)
VCCI is the supply voltage associated with the input port.
5.4 Thermal Information
THERMAL METRIC(1)
TXB0101
UNIT
DBV
(SOT-23)
DCK
(SC70)
DRL
(SOT)
YZP
(DSBGA)
DRY
(USON)
6 PINS
6 PINS
6 PINS
6 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
192.3
266.9
204.2
105.8
277.6
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
164.8
80.4
76.4
1.6
163.1
°C/W
RθJB
Junction-to-board thermal resistance
38.6
99.1
38.7
10.8
158.9
°C/W
ψJT
Junction-to-top characterization parameter
43.7
1.5
3.4
3.1
29.3
°C/W
ψJB
Junction-to-board characterization parameter
38.1
98.3
38.5
10.8
158.2
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
TXB0101
SCES639F – JANUARY 2007 – REVISED SEPTEMBER 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TXB0101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com