Electronic Components Datasheet Search
  English  ▼

X  

TXB0101DBVT Datasheet(PDF) 30 Page - Texas Instruments

Part # TXB0101DBVT
Description  TXB0101 1-Bit Bidirectional Level-Shifting and Voltage Translator With Auto Direction-Sensing and ±15kV ESD Protection
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TXB0101DBVT Datasheet(HTML) 30 Page - Texas Instruments

Back Button TXB0101DBVT Datasheet HTML 26Page - Texas Instruments TXB0101DBVT Datasheet HTML 27Page - Texas Instruments TXB0101DBVT Datasheet HTML 28Page - Texas Instruments TXB0101DBVT Datasheet HTML 29Page - Texas Instruments TXB0101DBVT Datasheet HTML 30Page - Texas Instruments TXB0101DBVT Datasheet HTML 31Page - Texas Instruments TXB0101DBVT Datasheet HTML 32Page - Texas Instruments TXB0101DBVT Datasheet HTML 33Page - Texas Instruments TXB0101DBVT Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(1.48)
4X (0.5)
6X (0.67)
6X (0.3)
(R0.05) TYP
SOT - 0.6 mm max height
DRL0006A
PLASTIC SMALL OUTLINE
4223266/F 11/2024
NOTES: (continued)
8. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
9. Board assembly site may have different recommendations for stencil design.
SOLDER PASTE EXAMPLE
BASED ON 0.1 mm THICK STENCIL
SCALE:30X
SYMM
SYMM
1
3
4
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com