Electronic Components Datasheet Search
  English  ▼

X  

TXB0101DBVT Datasheet(PDF) 9 Page - Texas Instruments

Part # TXB0101DBVT
Description  TXB0101 1-Bit Bidirectional Level-Shifting and Voltage Translator With Auto Direction-Sensing and ±15kV ESD Protection
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TXB0101DBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TXB0101DBVT Datasheet HTML 5Page - Texas Instruments TXB0101DBVT Datasheet HTML 6Page - Texas Instruments TXB0101DBVT Datasheet HTML 7Page - Texas Instruments TXB0101DBVT Datasheet HTML 8Page - Texas Instruments TXB0101DBVT Datasheet HTML 9Page - Texas Instruments TXB0101DBVT Datasheet HTML 10Page - Texas Instruments TXB0101DBVT Datasheet HTML 11Page - Texas Instruments TXB0101DBVT Datasheet HTML 12Page - Texas Instruments TXB0101DBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
5.7 Timing Requirements, VCCA = 1.2V
TA = 25°C, VCCA = 1.2V
VCCB = 1.8V
VCCB = 2.5V
VCCB = 3.3V
VCCB = 5V
UNIT
TYP
TYP
TYP
TYP
Data rate
20
20
20
20 Mbps
tw
Pulse duration
Data inputs
50
50
50
50
ns
5.8 Timing Requirements, VCCA = 1.5V ± 0.1V
over recommended operating free-air temperature range, VCCA = 1.5V ± 0.1V (unless otherwise noted)
VCCB = 1.8V
± 0.15V
VCCB = 2.5V
± 0.2V
VCCB = 3.3V
± 0.3V
VCCB = 5V
± 0.5V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
Data rate
40
40
40
40 Mbps
tw
Pulse duration
Data inputs
25
25
25
25
ns
5.9 Timing Requirements, VCCA = 1.8V ± 0.15V
over recommended operating free-air temperature range, VCCA = 1.8V ± 0.15V (unless otherwise noted)
VCCB = 1.8V
± 0.15V
VCCB = 2.5V
± 0.2V
VCCB = 3.3V
± 0.3V
VCCB = 5V
± 0.5V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
Data rate
60
60
60
60 Mbps
tw
Pulse duration
Data inputs
17
17
17
17
ns
5.10 Timing Requirements, VCCA = 2.5V ± 0.2V
over recommended operating free-air temperature range, VCCA = 2.5V ± 0.2V (unless otherwise noted)
VCCB = 2.5V
± 0.2V
VCCB = 3.3V
± 0.3V
VCCB = 5V
± 0.5V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Data rate
100
100
100 Mbps
tw
Pulse duration
Data inputs
10
10
10
ns
5.11 Timing Requirements, VCCA = 3.3V ± 0.3V
over recommended operating free-air temperature range, VCCA = 3.3V ± 0.3V (unless otherwise noted)
VCCB = 3.3V
± 0.3V
VCCB = 5V
± 0.5V
UNIT
MIN
MAX
MIN
MAX
Data rate
100
100
Mbps
tw
Pulse duration
Data inputs
10
10
ns
www.ti.com
TXB0101
SCES639F – JANUARY 2007 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TXB0101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com