Electronic Components Datasheet Search
  English  ▼

X  

P250 Datasheet(PDF) 2 Page - SICK AG

Part # P250
Description  HYBRID PHOTOELECTRIC SENSORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

P250 Datasheet(HTML) 2 Page - SICK AG

  P250 Datasheet HTML 1Page - SICK AG P250 Datasheet HTML 2Page - SICK AG P250 Datasheet HTML 3Page - SICK AG P250 Datasheet HTML 4Page - SICK AG P250 Datasheet HTML 5Page - SICK AG P250 Datasheet HTML 6Page - SICK AG P250 Datasheet HTML 7Page - SICK AG P250 Datasheet HTML 8Page - SICK AG P250 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
HL18-A1G3BH | H18 Sure Sense
HYBRID PHOTOELECTRIC SENSORS
Illustration may differ
Ordering information
Type
Part no.
HL18-A1G3BH
1082987
Other models and accessories
www.sick.com/H18_Sure_Sense
Detailed technical data
Features
Functional principle
Photoelectric retro-reflective sensor
Functional principle detail
Dual lens
Dimensions (W x H x D)
16.2 mm x 45.5 mm x 31.8 mm
Housing design (light emission)
Hybrid
Thread diameter (housing)
M18
Mounting system type
M18, head/side (24.1 … 25.4 mm)
Housing color
Blue
Sensing range max.
0.03 m ... 6.5 m 1)
Sensing range
0.03 m ... 5 m 1)
Type of light
Visible red light
Light source
PinPoint LED 2)
Light spot size (distance)
130 mm x 260 mm (6.5 m)
Wave length
631 nm
Adjustment
Potentiometer, right Sensitivity
Potentiometer, left Light/dark switching
Special features
Signal strength light bar
1) Reflector PL80A.
2) Average service life: 100,000 h at TU = +25 °C.
2
PHOTOELECTRIC SENSORS | SICK
Product data sheet | 2024-03-12 16:10:49
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com