Electronic Components Datasheet Search
  English  ▼

X  

P250 Datasheet(PDF) 7 Page - SICK AG

Part # P250
Description  HYBRID PHOTOELECTRIC SENSORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

P250 Datasheet(HTML) 7 Page - SICK AG

  P250 Datasheet HTML 1Page - SICK AG P250 Datasheet HTML 2Page - SICK AG P250 Datasheet HTML 3Page - SICK AG P250 Datasheet HTML 4Page - SICK AG P250 Datasheet HTML 5Page - SICK AG P250 Datasheet HTML 6Page - SICK AG P250 Datasheet HTML 7Page - SICK AG P250 Datasheet HTML 8Page - SICK AG P250 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HL18-A1G3BH | H18 Sure Sense
HYBRID PHOTOELECTRIC SENSORS
Light spot size
mm (inch)
Horizontal
Vertical
Dimensions in mm (inch)
Horizontal
18
(0.71)
40
(1.57)
200
(7.87)
260
(10.24)
Vertical
10
(0.39)
20
(0.79)
100
(3.94)
130
(5.12)
Sensing range
0.5 m
(1.64 feet)
1 m
(3.28 feet)
5 m
(16.40 feet)
6.5 m
(21.33 feet)
Distance in m (feet)
5
(16.40)
6
(19.69)
4
(13.12)
3
(9.84)
2
(6.56)
1
(3.28)
7
(22.97)
0
200
(7.87)
100
(3.94)
300
(11.81)
Sensing range diagram
1
2
3
4
5
6
4.0
5.0
4.0
5.0
1.8
3.0
1.3
2.2
0.03
0.03
0.03
0.03
0.03
5.0
6.5
Distance in m (feet)
0
1
(3.28)
2
(6.56)
3
(9.84)
4
(13.12)
5
(16.40)
6
(19.67)
7
(22.97)
Sensing range
Sensing range max.
0.4/
0.8 1.5
①  Reflector PL80A
②  Reflector PL40A
③  Reflector P250
④  Reflector PL30A, PL31A
⑤  Reflector PL20A
⑥  Reflective tape IREF6000 (REF-IRF-56)
2024-03-12 16:10:49 | Product data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com