Electronic Components Datasheet Search
  English  ▼

X  

P250 Datasheet(PDF) 3 Page - SICK AG

Part # P250
Description  HYBRID PHOTOELECTRIC SENSORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

P250 Datasheet(HTML) 3 Page - SICK AG

  P250 Datasheet HTML 1Page - SICK AG P250 Datasheet HTML 2Page - SICK AG P250 Datasheet HTML 3Page - SICK AG P250 Datasheet HTML 4Page - SICK AG P250 Datasheet HTML 5Page - SICK AG P250 Datasheet HTML 6Page - SICK AG P250 Datasheet HTML 7Page - SICK AG P250 Datasheet HTML 8Page - SICK AG P250 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HL18-A1G3BH | H18 Sure Sense
HYBRID PHOTOELECTRIC SENSORS
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC
Ripple
< 5 Vpp 1)
Current consumption
≤ 20 mA 2)
Switching output
PNP, NPN
Switching mode
Dark switching
Switching output detail
Switching output Q1 PNP, Dark switching
Switching output Q2 NPN, Dark switching
Output current Imax.
≤ 100 mA
Response time
≤ 0.5 ms 3)
Switching frequency
1,000 Hz 4)
Connection type
Cable open end, 2,000 mm
Cable material
PVC
Conductor cross section
0.2 mm²
Circuit protection
A 5)
B 6)
D 7)
Protection class
III
Weight
18 g
Polarisation filter
✔
Housing material
Plastic, VISTAL®
Optics material
Plastic, PMMA
Enclosure rating
IP67
IP69K
Items supplied
Fastening nut (1x), M18, plastic, black, flat
Electromagnetic compatibility (EMC)
EN 60947-5-2 (The sensor complies with the Radio Safety Requirements (EMC) for the indus-
trial sector (Radio Safety Class A). It may cause radio interference if used in a residential area.)
Ambient operating temperature
–40 °C ... +70 °C
Ambient temperature, storage
–40 °C ... +75 °C
UL File No.
E189383
1) May not exceed or fall below Uv tolerances.
2) Without signal strength light bar and load.
3) Signal transit time with resistive load.
4) With light/dark ratio 1:1.
5) A = VS connections reverse-polarity protected.
6) B = inputs and output reverse-polarity protected.
7) D = outputs overcurrent and short-circuit protected.
Safety-related parameters
MTTFD
730.1 years
DCavg
0 %
Classifications
ECLASS 5.0
27270902
2024-03-12 16:10:49 | Product data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com