Electronic Components Datasheet Search
  English  ▼

X  

P250 Datasheet(PDF) 5 Page - SICK AG

Part # P250
Description  HYBRID PHOTOELECTRIC SENSORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

P250 Datasheet(HTML) 5 Page - SICK AG

  P250 Datasheet HTML 1Page - SICK AG P250 Datasheet HTML 2Page - SICK AG P250 Datasheet HTML 3Page - SICK AG P250 Datasheet HTML 4Page - SICK AG P250 Datasheet HTML 5Page - SICK AG P250 Datasheet HTML 6Page - SICK AG P250 Datasheet HTML 7Page - SICK AG P250 Datasheet HTML 8Page - SICK AG P250 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HL18-A1G3BH | H18 Sure Sense
HYBRID PHOTOELECTRIC SENSORS
Dimensional drawing (Dimensions in mm (inch))
3
4
7.5 (0.30)
10.5 (0.41)
10.1 (0.40)
31.4 (1.24)
2
5
1
M18 x 1
0.9 (0.04)
7.9
(0.31)
16.2 (0.64)
A
C
B
D
①  LED indicator yellow: Status of received light beam
②  LED indicator green: power on
③  M3 mounting hole
④  Snap Connection for flush ring (sold seperatly)
⑤  Potentiometer (if selected) or LED Indicators
Dimensions in mm (inch)
Receiver
Sender
A
B
C
D
HTB18 / HTF18
- 1.1 (0.04)
1.1 (0.04)
4.7 (0.19)
0.6 (0.02)
HTE18 / HL18 / HSE18
2.5 (0.1)
0.0 (0.0)
4.0 (0.16)
0.0 (0.0)
HTB18L / HTF18L /
HL18L / HSE18L
2.5 (0.1)
0.0 (0.0)
3.5 (0.14)
0.0 (0.0)
Connection type
Connection type. see table: Connection/PIN assignment
Cable with flying leads, 4-wire, AWG26 0.15 mm²
2024-03-12 16:10:49 | Product data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com