Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF82IAAV Datasheet(PDF) 21 Page - Texas Instruments

Part # DAC38RF82IAAV
Description  DAC38RF8x Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF82IAAV Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC38RF82IAAV Datasheet HTML 17Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 18Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 19Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 20Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 21Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 22Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 23Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 24Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 147 page
background image
Output Frequency (MHz)
500
1000
1500
2000
2500
3000
3500
4000
4500
35
40
45
50
55
60
65
70
75
80
D008
Iout=10mA
Iout=20mA
Iout=30mA
Iout=40mA
Output Frequency (MHz)
500
1000
1500
2000
2500
3000
3500
4000
4500
35
40
45
50
55
60
65
70
75
80
85
90
D012
5 GHz VCO (DAC38RF89)
7.5GHz VCO (DAC38RF89)
6 GHz VCO (DAC38RF82)
9 GHz VCO (DAC38RF82)
9 GHz External clock
Output Frequency (MHz)
500
1000
1500
2000
2500
3000
3500
4000
4500
35
40
45
50
55
60
65
70
75
80
D012
5 GHz VCO (DAC38RF89)
7.5GHz VCO (DAC38RF89)
6 GHz VCO (DAC38RF82)
9 GHz VCO (DAC38RF82)
9 GHz External clock
Output Frequency (MHz)
500
1000
1500
2000
2500
3000
3500
4000
4500
35
40
45
50
55
60
65
70
75
80
D001
-12dBFS
-6dBFS
0dBFS
Output Frequency (MHz)
500
1000
1500
2000
2500
3000
3500
4000
4500
35
40
45
50
55
60
65
70
75
80
D004
-12dBFS
-6dBFS
0dBFS
Output Frequency (MHz)
500
1000
1500
2000
2500
3000
3500
4000
4500
35
40
45
50
55
60
65
70
75
80
85
90
95
100
105
D024
Iout=10mA
Iout=20mA
Iout=30mA
Iout=40mA
21
DAC38RF82, DAC38RF89
www.ti.com
SLASEA6D – FEBRUARY 2017 – REVISED JUNE 2020
Product Folder Links: DAC38RF82 DAC38RF89
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise noted, all plots are at TA = 25°C, nominal supply voltages, fDAC = 8847.36MSPS, 12x interpolation, 0dBFS
digital input, 40 mA full scale output current , LMFSHd = 84111 and PLL is disabled.
Figure 7. HD3 vs Output Frequency Over Input Scale
Figure 8. HD3 vs Output Frequency Over Output Current
IoutFS
Figure 9. HD3 vs Output Frequency Over Clocking Option
Figure 10. SFDR vs Output Frequency Over Input Scale
Figure 11. SFDR vs Output Frequency Over Output Current
IoutFS
Figure 12. SFDR vs Output Frequency Over Clocking Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com