Electronic Components Datasheet Search
  English  ▼

X  

DAC38RF82IAAV Datasheet(PDF) 8 Page - Texas Instruments

Part # DAC38RF82IAAV
Description  DAC38RF8x Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF82IAAV Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC38RF82IAAV Datasheet HTML 4Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 5Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 6Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 7Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 8Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 9Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 10Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 11Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 147 page
background image
8
DAC38RF82, DAC38RF89
SLASEA6D – FEBRUARY 2017 – REVISED JUNE 2020
www.ti.com
Product Folder Links: DAC38RF82 DAC38RF89
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NO.
NAME
A3
SYSREF+
I
LVPECL SYSREF positive input, internal 100 Ω differential termination, self biased. This
positive/negative pair is captured with the rising edge of DACCLKP/N. It is used for multiple DAC
synchronization.
A4
SYSREF-
I
LVPECL SYSREF negative input, self biased, internal 100 Ω differential termination. (See the SYSREF+
description)
K4
TCLK
I
JTAG test clock. Internal pull-down
H4
TDI
I
JTAG test data in. Internal pull-up
J4
TDO
O
JTAG test data out. Internal pull-up
K3
TESTMODE
-
This pin is used for factory testing.
Recommended to connect to ground for normal operation.
K5
TMS
I
JTAG test mode select. Internal pull-up
J5
TRST
I
JTAG test reset. Internal pull-up. Must be connected to ground if not used
K6
TXENABLE
I
Transmit enable active high input. Internal pull-down.
This pin is ORed with spi_txenable bit in JESD_FIFO register to enable analog output data transmission.
To enable analog output data transmission, pull CMOS TXENABLE pin to high.
To disable analog output, pull CMOS TXENABLE pin to low. The DAC output is forced to midscale.
F11, J11
VDDA1
I
Analog 1 V supply voltage. Must be separated from VDDDIG1 supply for best performance.
G11, H11
VDDA18
I
Analog 1.8 V supply voltage. (1.8 V)
D8, E8
VDDPLL1
I
Analog 1 V supply for PLL.
B9, B10
VDDAPLL18
I
PLL analog supply voltage. (1.8 V)
D9, E9
VDDAVCO18
I
Analog supply voltage for VCO (1.8 V)
G9, H9
VDDCLK1
I
Internal clock buffer supply voltage (1 V).
It is recommended to isolate this supply from VDDDIG1 and VDDA1.
G8, H8
VDDL1_1
I
DAC core supply voltage. (1 V)
G10, H10
VDDL2_1
I
DAC core supply voltage. (1 V)
A5, B5, C5, D5, D7, E3,
E4, E5, E6, F4, F5, G4,
G5
VDDDIG1
I
Digital supply voltage. (1 V).
It is recommended to isolate this supply from VDDCLK1 and VDDA1.
F7, H7, G6, J6
VDDE1
I
Digital Encoder supply voltage (1 V).
Must be separated from VDDDIG1 supply
H5
VDDIO18
I
Supply voltage for all digital I/O and CMOS I/O. (1.8 V)
G12, H12
VDDOUT18
I
DAC output supply. (1.8 V)
H2, J2
VDDR18
I
Supply voltage for SerDes. (1.8 V)
B3, B4
VDDS18
I
Supply voltage for LVDS SYNC0+/- and SYNC1+/- (1.8 V)
H3, J3
VDDT1
I
Supply voltage for SerDes termination. (1 V)
B6
VDDTX1
I
Supply voltage for divided clock output. (1 V)
B7
VDDTX18
I
Supply voltage for divided clock output . (1.8 V)
D10, E10, K10, L10
VEE18N
I
Analog supply voltage. (-1.8 V)
L12
VOUT1+
O
DAC channel 1 output.
K12
VOUT1-
O
DAC channel 1 complementary output.
D12
VOUT2+
O
DAC channel 2 output.
E12
VOUT2-
O
DAC channel 2 complementary output.
D4
VSENSE
O
Test pin for on chip parametrics. Can be left floating.
A8, A11, B8, B11, B12,
F8, F9, F10, J8, J9, J10
VSSCLK
-
Clock ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com