Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 292 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 292 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 287Page - Texas Instruments DM505LRBABF Datasheet HTML 288Page - Texas Instruments DM505LRBABF Datasheet HTML 289Page - Texas Instruments DM505LRBABF Datasheet HTML 290Page - Texas Instruments DM505LRBABF Datasheet HTML 291Page - Texas Instruments DM505LRBABF Datasheet HTML 292Page - Texas Instruments DM505LRBABF Datasheet HTML 293Page - Texas Instruments DM505LRBABF Datasheet HTML 294Page - Texas Instruments DM505LRBABF Datasheet HTML 295Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 292 / 295 page
background image
www.ti.com
PACKAGE OUTLINE
C
2.82 MAX
0.4
0.2
TYP
13.65
TYP
13.65 TYP
0.65 TYP
0.65 TYP
367X
0.45
0.35
(2.39)
A
15.12
14.88
B
15.12
14.88
(0.68) TYP
(0.99)
(1.3)
(0.68) TYP
(
14.6)
(
11.6)
FCBGA - 2.82 mm max height
ABF0367A
BALL GRID ARRAY
4221430/C 04/2019
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Dimension is measured at the maximum solder ball diameter, parallel to primary datum C.
4. Primary datum C and seating plane are defined by the spherical crown of the solder balls.
BALL A1 CORNER
SEATING PLANE
BALL TYP
0.1 C
NOTE 4
0.25 C
A
C
E
G
J
L
N
R
U
W
AA
1
2
3
0.15
C A B
0.08
C
NOTE 3
SYMM
SYMM
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
B
D
F
H
K
M
P
T
V
Y
AB
SCALE 0.900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com