Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 290 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 290 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 286Page - Texas Instruments DM505LRBABF Datasheet HTML 287Page - Texas Instruments DM505LRBABF Datasheet HTML 288Page - Texas Instruments DM505LRBABF Datasheet HTML 289Page - Texas Instruments DM505LRBABF Datasheet HTML 290Page - Texas Instruments DM505LRBABF Datasheet HTML 291Page - Texas Instruments DM505LRBABF Datasheet HTML 292Page - Texas Instruments DM505LRBABF Datasheet HTML 293Page - Texas Instruments DM505LRBABF Datasheet HTML 294Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 295 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
10-Nov-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
DM505LRBABF
Active
Production
FCBGA (ABF) | 367
90 | JEDEC
TRAY (5+1)
Yes
Call TI
Level-3-250C-168 HR
-40 to 125
DM505LRBABF
775
775 ABF
DM505LRBABF.B
Active
Production
FCBGA (ABF) | 367
90 | JEDEC
TRAY (5+1)
Yes
Call TI
Level-3-250C-168 HR
-40 to 125
DM505LRBABF
775
775 ABF
DM505LRBABFR
Active
Production
FCBGA (ABF) | 367
750 | LARGE T&R
Yes
Call TI
Level-3-250C-168 HR
-40 to 125
DM505LRBABF
775
775 ABF
DM505LRBABFR.B
Active
Production
FCBGA (ABF) | 367
750 | LARGE T&R
Yes
Call TI
Level-3-250C-168 HR
-40 to 125
DM505LRBABF
775
775 ABF
DM505MRBABF
Active
Production
FCBGA (ABF) | 367
90 | JEDEC
TRAY (5+1)
Yes
Call TI
Level-3-250C-168 HR
-40 to 125
DM505MRBABF
775
775 ABF
DM505MRBABF.B
Active
Production
FCBGA (ABF) | 367
90 | JEDEC
TRAY (5+1)
Yes
Call TI
Level-3-250C-168 HR
-40 to 125
DM505MRBABF
775
775 ABF
DM505MRBABFR
Active
Production
FCBGA (ABF) | 367
750 | LARGE T&R
Yes
Call TI
Level-3-250C-168 HR
-40 to 125
DM505MRBABF
775
775 ABF
DM505MRBABFR.B
Active
Production
FCBGA (ABF) | 367
750 | LARGE T&R
Yes
Call TI
Level-3-250C-168 HR
-40 to 125
DM505MRBABF
775
775 ABF
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com