Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 286 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 286 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 282Page - Texas Instruments DM505LRBABF Datasheet HTML 283Page - Texas Instruments DM505LRBABF Datasheet HTML 284Page - Texas Instruments DM505LRBABF Datasheet HTML 285Page - Texas Instruments DM505LRBABF Datasheet HTML 286Page - Texas Instruments DM505LRBABF Datasheet HTML 287Page - Texas Instruments DM505LRBABF Datasheet HTML 288Page - Texas Instruments DM505LRBABF Datasheet HTML 289Page - Texas Instruments DM505LRBABF Datasheet HTML 290Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 295 page
background image
286
DM505
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Device and Documentation Support
Copyright © 2016–2018, Texas Instruments Incorporated
Table 8-1. Nomenclature Description (continued)
FIELD
PARAMETER
FIELD DESCRIPTION
VALUES
DESCRIPTION
D
Secured devices
PPP
Package designator
ABF
ABF S-PBGA-N367 (15mm x 15mm) Package
c
Carrier designator
BLANK
Tray
R
Tape & Reel
XXXXXXX
Lot Trace Code
YYY
Production Code, For TI use only
ZZZ
Production Code, For TI use only
O
Pin one designator
G1
ECAT—Green package designator
(1) To designate the stages in the product development cycle, TI assigns prefixes to the part numbers. These prefixes represent
evolutionary stages of product development from engineering prototypes through fully qualified production devices.
Prototype devices are shipped against the following disclaimer:
“This product is still in development and is intended for internal evaluation purposes.”
Notwithstanding any provision to the contrary, TI makes no warranty expressed, implied, or statutory, including any implied warranty of
merchantability of fitness for a specific purpose, of this device.
NOTE
BLANK in the symbol or part number is collapsed so there are no gaps between characters.
8.2
Tools and Software
The following products support development for DM50x platforms:
Development Tools
DM50x Clock Tree Tool is an interactive clock tree configuration software that allows the user to visualize
the device clock tree, interact with clock tree elements and view the effect on PRCM registers, interact
with the PRCM registers and view the effect on the device clock tree, and view a trace of all the device
registers affected by the user interaction with the clock tree.
DM50x Register Descriptor Tool is an interactive device register configuration tool that allows users to
visualize the register state on power-on reset, and then customize the configuration of the device for the
specific use-case.
DM50x Pad Configuration Tool is an interactive pad-configuration tool that allows the user to visualize
the device pad configuration state on power-on reset and then customize the configuration of the pads for
the specific use-case and identify the device register settings associated to that configuration.
For a complete listing of development-support tools for the processor platform, visit the Texas Instruments
website at www.ti.com. For information on pricing and availability, contact the nearest TI field sales office
or authorized distributor.
8.3
Documentation Support
The following documents describe the DM50x devices.
TRM
DM50x SoC for Vision Analytics Technical Reference Manual Details the integration, the environment,
the functional description, and the programming models for each peripheral and subsystem
in the DM50x family of devices.
Errata
DM50x Silicon Errata Describes known advisories, limitations, and cautions on silicon and provides
workarounds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com