Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 285 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 285 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 281Page - Texas Instruments DM505LRBABF Datasheet HTML 282Page - Texas Instruments DM505LRBABF Datasheet HTML 283Page - Texas Instruments DM505LRBABF Datasheet HTML 284Page - Texas Instruments DM505LRBABF Datasheet HTML 285Page - Texas Instruments DM505LRBABF Datasheet HTML 286Page - Texas Instruments DM505LRBABF Datasheet HTML 287Page - Texas Instruments DM505LRBABF Datasheet HTML 288Page - Texas Instruments DM505LRBABF Datasheet HTML 289Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 295 page
background image
SPRS916_PACK_01
a
tzrYPPP
BBBBB
XXXXXXX
PIN ONE INDICATOR
O
G1
YYY
ZZZ
285
DM505
www.ti.com
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
Submit Documentation Feedback
Device and Documentation Support
Copyright © 2016–2018, Texas Instruments Incorporated
8.1.1
Standard Package Symbolization
Figure 8-1. Printed Device Reference
NOTE
Some devices have a cosmetic circular marking visible on the top of the device package
which results from the production test process. These markings are cosmetic only with no
reliability impact.
8.1.2
Device Naming Convention
Table 8-1. Nomenclature Description
FIELD
PARAMETER
FIELD DESCRIPTION
VALUES
DESCRIPTION
a
Device evolution stage
X
Prototype
P
Preproduction (production test flow, no
reliability data)
BLANK
Production
BBBBB
Base production part number
DM505
External DDR device
DM504
POP Memory device
t
Device Tier
S
Super
M
Mid
L
Low
z
Device Speed
B
Indicates the speed grade for each of the
cores in the device. For more information see
Section 3.1, Device Comparison Table and
Table 5-1, Speed Grade Maximum Frequency
R
r
Device revision
BLANK
SR 1.0
A
SR 1.0A
B
SR 2.0
Y
Device type
BLANK
Standard devices
E
Emulation (E) devices
J
JTAG lock & random key devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com