Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 282 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 282 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 278Page - Texas Instruments DM505LRBABF Datasheet HTML 279Page - Texas Instruments DM505LRBABF Datasheet HTML 280Page - Texas Instruments DM505LRBABF Datasheet HTML 281Page - Texas Instruments DM505LRBABF Datasheet HTML 282Page - Texas Instruments DM505LRBABF Datasheet HTML 283Page - Texas Instruments DM505LRBABF Datasheet HTML 284Page - Texas Instruments DM505LRBABF Datasheet HTML 285Page - Texas Instruments DM505LRBABF Datasheet HTML 286Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 295 page
background image
R
LOAD
cvideo_vfb
Reconstruction
Filter
~9.5 MHz
(A)
Amplifier
3.7 V/V
C
AC
(B)
75 W
R
OUT
cvideo_tvout
cvideo_vfb
Reconstruction
Filter
~9.5 MHz
(A)
C
AC
(B)
282
DM505
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2018, Texas Instruments Incorporated
7.10 CVIDEO/SD-DAC Guidelines and Electrical Data/Timing
The device's analog video CVIDEO/SD-DAC TV analog composite output can be operate in one of two
modes: Normal mode and TVOUT Bypass mode. In Normal mode, the device’s internal video amplifier is
used. In TVOUT Bypass mode, the internal video amplifier is bypassed and an external amplifier is
required.
Figure 7-72 shows a typical circuit that permits connecting the analog video output from the device to
standard 75-Ω impedance video systems in Normal mode.
A.
Reconstruction Filter (optional)
B.
AC coupling capacitor (optional)
Figure 7-72. TV Output (Normal Mode)
Figure 7-73 shows a typical circuit that permits connecting the analog video output from the device to
standard 75-Ω impedance video systems in TVOUT Bypass mode.
A.
Reconstruction Filter (optional). Note: An amplifier with an integrated reconstruction filter can alternatively be used
instead of a discrete reconstruction filter.
B.
AC coupling capacitor (optional)
Figure 7-73. TV Output (TVOUT Bypass Mode)
During board design, the onboard traces and parasitics must be matched for the channel. The video DAC
output pins (cvideo_tvout / cvideo_vfb) are very high-frequency analog signals and must be routed with
extreme care. As a result, the paths of these signals must be as short as possible, and as isolated as
possible from other interfering signals. In TVOUT Bypass mode, the load resistor and amplifier/buffer
should be placed as close as possible to the cvideo_vfb pin. Other layout guidelines include:
•
Take special care to bypass the vdda_dac power supply pin with a capacitor.
•
In TVOUT Bypass mode, place the RLOAD resistor as close as possible to the Reconstruction Filter
and Amplifier. In addition, place the 75-Ω resistor as close as possible (< 0.5 inch) to the
Amplifier/buffer output pin. To maintain a high-quality video signal, the onboard traces after the 75-Ω
resistor should have a characteristic impedance of 75 Ω (± 20%).
•
In Normal mode,cvideo_vfb is the most sensitive pin in the TV out system. The ROUT resistor should
be placed as close as possible to the device pins. To maintain a high-quality video signal, the onboard
traces leading to the cvideo_tvout pin should have a characteristic impedance of 75 Ω (± 20%) starting
from the closest possible place to the device pin output.
•
Minimize input trace lengths to the device to reduce parasitic capacitance.
•
Include solid ground return paths.
•
Match trace lengths as close as possible within a video format group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com