Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 283 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 283 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 279Page - Texas Instruments DM505LRBABF Datasheet HTML 280Page - Texas Instruments DM505LRBABF Datasheet HTML 281Page - Texas Instruments DM505LRBABF Datasheet HTML 282Page - Texas Instruments DM505LRBABF Datasheet HTML 283Page - Texas Instruments DM505LRBABF Datasheet HTML 284Page - Texas Instruments DM505LRBABF Datasheet HTML 285Page - Texas Instruments DM505LRBABF Datasheet HTML 286Page - Texas Instruments DM505LRBABF Datasheet HTML 287Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 295 page
background image
283
DM505
www.ti.com
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2018, Texas Instruments Incorporated
Table 7-46 and Table 7-47 present the Static and Dynamic CVIDEO / SD-DAC TV analog composite
output specifications
Table 7-46. Static CVIDEO/SD-DAC Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference Current Setting Resistor
(RSET)
Normal Mode
4653
4700
4747
Ω
TVOUT Bypass Mode
9900
10000
10100
Ω
Output resistor between
cvideo_tvout and cvideo_vfb pins
(ROUT)
Normal Mode
2673
2700
2727
Ω
TVOUT Bypass Mode
N/A
Load Resistor (RLOAD)
Normal Mode
75-Ω Inside the Display
TVOUT Bypass Mode
1485
1500
1515
Ω
AC-Coupling Capacitor (Optional)
[CAC]
Normal Mode
220
uF
TVOUT Bypass Mode
See External Amplifier Specification
Total Capacitance from
cvideo_tvout to vssa_dac
Normal Mode
300
pF
TVOUT Bypass Mode
N/A
Resolution
10
Bits
Integral Non-Linearity (INL), Best
Fit
Normal Mode
-4
4
LSB
TVOUT Bypass Mode
-1
1
LSB
Differential Non-Linearity (DNL)
Normal Mode
-2.5
2.5
LSB
TVOUT Bypass Mode
-1
1
LSB
Full-Scale Output Voltage
Normal Mode (RLOAD = 75 Ω)
1.3
V
TVOUT Bypass Mode (RLOAD =
1.5 kΩ)
0.7
V
Full-Scale Output Current
Normal Mode
N/A
TVOUT Bypass Mode
470
uA
Gain Error
Normal Mode (Composite) and
TVOUT Bypass Mode
-10
10
%FS
Normal Mode (S-Video)
-20
20
%FS
Gain Mismatch (Luma-to-Chroma)
Normal Mode (Composite)
N/A
Normal Mode (S-Video)
-10
10
%
Output Impedance
Looking into cvideo_tvout nodes
75
Ω
Table 7-47. Dynamic CVIDEO/SD-DAC Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Update Rate (FCLK)
54
60
MHz
Signal Bandwidth
3 dB
6
MHz
Spurious-Free Dynamic Range
(SFDR) within bandwidth
FCLK = 54 MHz, FOUT = 1 MHz
50
dBc
Signal-to-Noise Ration (SNR)
FCLK = 54 MHz, FOUT = 1 MHz
54
dB
Power Supply Rejection (PSR)
Normal Mode, 100 mVpp @ 6
MHz on vdda_dac
6
dB
TVOUT Bypass Mode, 100
mVpp @ 6 MHz on vdda_dac
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com