Electronic Components Datasheet Search
  English  ▼

X  

DM505LRBABF Datasheet(PDF) 294 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 294 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 287Page - Texas Instruments DM505LRBABF Datasheet HTML 288Page - Texas Instruments DM505LRBABF Datasheet HTML 289Page - Texas Instruments DM505LRBABF Datasheet HTML 290Page - Texas Instruments DM505LRBABF Datasheet HTML 291Page - Texas Instruments DM505LRBABF Datasheet HTML 292Page - Texas Instruments DM505LRBABF Datasheet HTML 293Page - Texas Instruments DM505LRBABF Datasheet HTML 294Page - Texas Instruments DM505LRBABF Datasheet HTML 295Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 294 / 295 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(0.65)
TYP
(0.65) TYP
362X
0.365
0.335
FCBGA - 2.82 mm max height
ABF0367A
BALL GRID ARRAY
4221430/C 04/2019
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release.
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
SCALE:6X
SYMM
SYMM
AB
AA
Y
W
V
U
T
R
P
N
M
L
K
J
H
G
F
E
D
C
1 2
3 4 5 6 7
8 9 10 11 12 13 14 15 16 17 18 19 20 21 22
B
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com