Electronic Components Datasheet Search
  English  ▼

X  

OPA818 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA818
Description  OPA818 2.7-GHz, High-Voltage, FET-Input, Low Noise, Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA818 Datasheet(HTML) 4 Page - Texas Instruments

  OPA818 Datasheet HTML 1Page - Texas Instruments OPA818 Datasheet HTML 2Page - Texas Instruments OPA818 Datasheet HTML 3Page - Texas Instruments OPA818 Datasheet HTML 4Page - Texas Instruments OPA818 Datasheet HTML 5Page - Texas Instruments OPA818 Datasheet HTML 6Page - Texas Instruments OPA818 Datasheet HTML 7Page - Texas Instruments OPA818 Datasheet HTML 8Page - Texas Instruments OPA818 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
1
2
3
4
8
7
6
5
+
í
PD
FB
INí
IN+
VS+
VSí
NC
OUT
4
OPA818
SBOS940A – MAY 2019 – REVISED MARCH 2020
www.ti.com
Product Folder Links: OPA818
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
6 Pin Configuration and Functions
DRG Package
8-Pin WSON With Thermal Pad
Top View
NC - no internal connection
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
WSON
FB
2
Output
Feedback resistor connection (optional)
IN–
3
Input
Inverting input
IN+
4
Input
Non-inverting input
NC
6
—
No connect (no internal connection to die)
OUT
7
Output
Output of amplifier
PD
1
Input
Power down (low = enable, high = disable); internal 1-MΩ pull-up allows floating this pin
VS–
5
Power
Negative power supply
VS+
8
Power
Positive power supply
Thermal pad
—
Electrically isolated from the die substrate but ESD diodes down-bonded to the thermal
pad. Recommended connection to a heat spreading plane, typically GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com